Electronic Components Datasheet Search
  English  ▼

X  

SPF0AF0A Datasheet(PDF) 9 Page - Seoul Semiconductor

Part # SPF0AF0A
Description  High lumen output and efficacy
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SPF0AF0A Datasheet(HTML) 9 Page - Seoul Semiconductor

Back Button SPF0AF0A Datasheet HTML 5Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 6Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 7Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 8Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 9Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 10Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 11Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 12Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.seoulsemicon.com
9
Product Data Sheet
Rev1.6, Jan. 2021
S1C0-3030000000-00000000-00003-RGB-LED
Color Bin Structure
Table 3. Bin Code description, I
F=150mA, Tj=25℃
Color
Luminous Flux,
ФV
[lm]
Dominant Wavelength,
λd
[nm]
Forward Voltage, VF
[V]
Bin Code
Min.
Max.
Bin Code
Min.
Max.
Bin Code
Min.
Max.
Red
R2
28
33
RC1
615
620
AC
2.0
2.5
R3
33
38
RC2
620
625
Green
G2
44
48
GA1
520
525
AF
3.05
3.4
G3
48
54
GA2
525
530
Blue
B3
13
17
BA4
465
470
AF
3.05
3.4
B4
17
22
BA5
470
475
Notes :
• Tolerance : V
F
±0.1V,
Ф
V
±7%,
λ
d
±2nm
• All measurements were made under the standardized environment of Seoul Semiconductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com