Electronic Components Datasheet Search
  English  ▼

X  

F6923 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F6923
Description  Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6923 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F6923 Datasheet HTML 1Page - Renesas Technology Corp F6923 Datasheet HTML 2Page - Renesas Technology Corp F6923 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dual-Channel Low Noise Amplifier
13.75 – 17.3 GHz
F6923
Short-Form Datasheet
© 2020 Renesas Electronics Corporation
1
March 5, 2020
Description
The F6923 is an ultra-low power consumption, dual-channel, low
noise amplifier (LNA) RFIC designed for application in Ku-band
planar phased array antennas. The exceptional combination of low
power consumption, low noise, high gain, and compact size,
maximizes the antenna array G/T while minimizing overall system
power dissipation. An externally supplied reference bias current is
used to trade LNA power consumption against P1dB and gain,
completely shut off (idle) the amplifier during operation or for gain
compensation versus temperature.
The LNA is supplied in a compact 23-pin, 0.5mm pitch BGA
package with 50Ω matched single-ended RF inputs and outputs for
ease of integration onto phased array antenna panels.
Typical Applications
Phased array antennas
Ku-band SATCOM terminals
Common Data Link (CDL) terminals
Ku-band radar
Aerospace and maritime
Instrumentation
Features
13.75 – 17.3GHz operation
Two independent gain/phase-matched channels
19dB typical gain
-2dBm typical output P1dB
20mW power consumption
Supply voltage: 0.95 – 1.05 V
2.7 × 2.7 × 0.9 mm, 23-pin FC-BGA package
-40°C to 85°C ambient operating temperature range
Block Diagram


Similar Part No. - F6923

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F6923 RENESAS-F6923 Datasheet
1Mb / 15P
Dual-Channel Low Noise Amplifier 14GHz – 17GHz
Jul 6, 2021
F6923AVRI RENESAS-F6923AVRI Datasheet
1Mb / 15P
Dual-Channel Low Noise Amplifier 14GHz – 17GHz
Jul 6, 2021
F6923AVRI8 RENESAS-F6923AVRI8 Datasheet
1Mb / 15P
Dual-Channel Low Noise Amplifier 14GHz – 17GHz
Jul 6, 2021
F6923EVB RENESAS-F6923EVB Datasheet
1Mb / 15P
Dual-Channel Low Noise Amplifier 14GHz – 17GHz
Jul 6, 2021
F6923 RENESAS-F6923_V01 Datasheet
1Mb / 15P
Dual-Channel Low Noise Amplifier 14GHz – 17GHz
Jul 6, 2021
More results

Similar Description - F6923

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM40-0023 MACOM-AM40-0023_1 Datasheet
139Kb / 2P
Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
logo
Excelics Semiconductor,...
RFMA1314-1W EXCELICS-RFMA1314-1W Datasheet
117Kb / 3P
13.75 - 14.50 GHz Power Amplifier MMIC
RFMA1314-2W EXCELICS-RFMA1314-2W Datasheet
97Kb / 2P
13.75 - 14.50 GHz Power Amplifier MMIC
logo
M/A-COM Technology Solu...
AM40-0023 MA-COM-AM40-0023 Datasheet
74Kb / 2P
Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
logo
TriQuint Semiconductor
QPA2735 TRIQUINT-QPA2735 Datasheet
1Mb / 14P
13.75 ??18 GHz GaAs Low Noise Amplifier
logo
Renesas Technology Corp
F6513 RENESAS-F6513 Datasheet
132Kb / 3P
8-Ch Tx Active Beamforming IC 13.75 ??17.3 GHz
F6921 RENESAS-F6921 Datasheet
128Kb / 3P
Dual-Channel Low Noise Amplifier 10.7 ??12.75 GHz
F6922 RENESAS-F6922 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
F6921 RENESAS-F6921_V01 Datasheet
887Kb / 17P
Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
Apr 8, 2021
F6922 RENESAS-F6922_V01 Datasheet
1Mb / 16P
Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com