Electronic Components Datasheet Search
  English  ▼

X  

F0552 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # F0552
Description  Sampling IF Receiver 1710MHz to 2050MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0552 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button F0552 Datasheet HTML 5Page - Integrated Device Technology F0552 Datasheet HTML 6Page - Integrated Device Technology F0552 Datasheet HTML 7Page - Integrated Device Technology F0552 Datasheet HTML 8Page - Integrated Device Technology F0552 Datasheet HTML 9Page - Integrated Device Technology F0552 Datasheet HTML 10Page - Integrated Device Technology F0552 Datasheet HTML 11Page - Integrated Device Technology F0552 Datasheet HTML 12Page - Integrated Device Technology F0552 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
Sampling IF Receiver
1710MHz to 2050MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
9
Rev2, January 2014
IDTF0552NLGI
Datasheet
F0552NBGI
Advance Datasheet
IDTF0552 Specification (Continued)
F0552 Typical Application Circuit, when operated as a Sampling IF Receiver, VCC = +5.00V, TC = +25°C, FRF = 1880
MHz, FIF = 184MHz, FLO = 1696MHz, PLO = 0 dBm, Output power = +3dBm per tone unless otherwise noted, TDD_A,
TDD_B = LOW. EVkit IF transformer losses are de-embedded unless otherwise noted.
Specification Notes:
1
– Items in min/max columns in bold italics are Guaranteed by Test using BOM1 components supporting 4:1 output impedance
transformation to 50 ohms
2
– All other Items in min/max columns are Guaranteed by Design Characterization using BOM2 components supporting 2:1 output
impedance transformation to 100 ohms
3
– Matching network changed for 276MHz IF per BOM table values
Parameter
Comment
Symbol
min
typ
max
units
2RF
– 2LO rejection
Max Gain, LCMODE
 Frequency = FRF - ½ FIF
 PRF = -27dBm
2x23
-74
-60
dBc
2RF
– 2LO rejection
22dB reduced gain,
LCMODE
 Frequency = FRF - ½ FIF
 PRF = -5dBm
2x24
-71
-60
dBc
2
nd Harmonic
Max Gain, STDMODE
PRF = -27 dBm
HD21
-77
-70
dBc
2
nd Harmonic
Max Gain, LCMODE
PRF = -27 dBm
HD23
-76
-70
dBc
3rd Harmonic
–
Max Gain, STDMODE
PRF = -27 dBm
HD31
-100
-80
dBc
3rd Harmonic
Max Gain, LCMODE
PRF = -27 dBm
HD33
-100
-82
dBc
Channel Isolation
Max Gain, STDMODE
IF_B Pout vs. IF_A w/ RF_A
input
ISOC_STD
40
43
dB
Channel Isolation
Max Gain, LCMODE
IF_B Pout vs. IF_A w/ RF_A
input
ISOC_LC
40
43
dB
LO to IF leakage
Max Gain, STDMODE
ISOLI-1
-53
-45
dBm
LO to IF leakage
Max Gain, LCMODE
ISOLI-3
-54
-45
dBm
RF to IF leakage
Max Gain, STDMODE
PRF = -27 dBm
ISORI-1
-84
-75
dBc
RF to IF leakage
Max Gain, LCMODE
PRF = -27 dBm
ISORI-2
-85
-75
dBc
LO to RF leakage,
STDMODE
ISOLR
-37
dBm
RFIN Impedance
Single Ended
ZRFIN
50
Ω
LO Port Impedance
Single Ended
ZLO
50
IF Output Impedance
Differential
ZIF
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com