Electronic Components Datasheet Search
  English  ▼

X  

F0562 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # F0562
Description  Sampling IF Receiver 2300MHz to 2700MHz
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0562 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button F0562 Datasheet HTML 5Page - Integrated Device Technology F0562 Datasheet HTML 6Page - Integrated Device Technology F0562 Datasheet HTML 7Page - Integrated Device Technology F0562 Datasheet HTML 8Page - Integrated Device Technology F0562 Datasheet HTML 9Page - Integrated Device Technology F0562 Datasheet HTML 10Page - Integrated Device Technology F0562 Datasheet HTML 11Page - Integrated Device Technology F0562 Datasheet HTML 12Page - Integrated Device Technology F0562 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Sampling IF Receiver
2300MHz to 2700MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
9
Rev1, April 2014
IDTF0562NBGI
Datasheet
F0552NBGI
Advance Datasheet
TYPICAL OPERATING CONDITIONS (184 MHZ IF CENTER)
Unless otherwise noted, the following conditions apply:
 Applications circuit for 100ohm differential load with 184MHz +/- 40MHz BW into 2:1
Transformer. See schematic Below
 Pout ~ +1dBm
 Measurement on Channel A
 PIN from -27dBm to -3dBm per Tone (Gain Setting Adjusted to yield Pout ~ +1dBm)
 Tone Spacing = 800KHz
 Device configured in Standard Mode with Low Side Injection
 TCASE = 25C, VCC = 5.00V, LO Power = 0dBm
 RF Frequency: 2.6GHz
 IF Frequency: 184MHz
 IF Transformer Losses are de-embedded
 Input RF trace Losses are de-embedded
Vcc
C25/C13 = 3.0 pF
L9/L12 = 30 nH
L10/L11 = 30 nH
C27/C12 = 20 pF
C24/C9 = 20 pF
L8/L4 = 150 nH
L7/L3 = 150 nH
10 nF
10 nF
0.6 pF
100 ohm
55
56
IFOUT-
IFOUT+
Vcc
2:1 Transformer
184 MHz Output Match 200Ω to 100Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com