Electronic Components Datasheet Search
  English  ▼

X  

2R200 Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # 2R200
Description  2-Electrode Gas Discharge Tubes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

2R200 Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  2R200 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD 2R200 Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD 2R200 Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Φ8*6mm
4 Electrical Characteristics
Continue
1:At delivery AQL 0.65 leave Ⅱ Military Standard 105 E
2:In ionized mode
3:Test according to ITU-T Rec.k.12
Environmental resistance
imension(
mm)
Example Part Number: HA2R8-90L
P
Part Number
DC Holdover
Voltage
On-State
Voltage
Impulse
discharge
current
8/20μs
Peak
Current
@10/350
μs
Arc
voltage
at 1 A
Glow to arc
transition
current
Glow
voltage
Weight
Per ITU K.12
(<150ms)
Nominal
@ 1A
1time
1time
V
A
V
g
2R75
<52V
20V
10KA
1KA
~ 10V
< 0.8A
~ 55V
~1.5g
2R90
<52V
20V
10KA
1KA
~ 12V
< 0.8A
~ 55V
~1.5g
2R140
<80V
20V
10KA
1KA
~ 12V
< 0.5A
~ 60V
~1.5g
2R150
<80V
20V
10KA
1KA
~ 12V
< 0.5A
~ 60V
~1.5g
2R200
<135V
20V
10KA
1KA
~ 12V
< 0.5A
~ 60V
~1.5g
2R230
<135V
20V
10KA
1KA
~ 12V
< 0.5A
~ 60V
~1.5g
2R250
<135V
20V
10KA
1KA
~ 12V
< 0.5A
~ 60V
~1.5g
2R260
<135V
20V
10KA
1KA
~ 12V
< 0.5A
~ 60V
~1.5g
2R300
<150V
20V
10KA
1KA
~ 12V
< 0.2A
~ 60V
~1.5g
2R350
<150V
20V
10KA
1KA
~ 12V
< 0.2A
~ 60V
~1.5g
2R400
<150V
20V
10KA
1KA
~ 12V
< 0.2A
~ 60V
~1.5g
2R420
<150V
20V
10KA
1KA
~ 12V
< 0.2A
~ 60V
~1.5g
2R470
<150V
20V
10KA
1KA
~ 12V
< 0.2A
~ 60V
~1.5g
2R500
<150V
20V
10KA
1KA
~ 12V
< 0.2A
~ 60V
~1.5g
2R550
<150V
20V
10KA
1KA
~ 12V
< 0.2A
~ 60V
~1.5g
2R600
<150V
20V
10KA
1KA
~ 12V
< 0.2A
~ 60V
~1.5g
Storage temperature:
-40℃┅+90℃
Operating temperature:
-40℃┅+90℃
Electrode:
Tin Plated
HA
=
HUAAN
2
=
2 Electrode device
R
=
Gas Discharge Tube
8
=
8mm Diameter
90
=
90V
L
=
Low Surge 5KA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com