Electronic Components Datasheet Search
  English  ▼

X  

2R2000 Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # 2R2000
Description  2-Electrode Gas Discharge Tubes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

2R2000 Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  2R2000 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD 2R2000 Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Φ8*6mm
2-Electrode Gas Discharge Tubes
3KA
1:Dimension(mm)
High Voltage,Axial Lead Wire
4 Electrical Characteristics
Specifications are subject to change without notice
1
Tel: +86-755-27465585
HUAAN LIMITED
www.huaandz.com
Email: sales@huaandz.com
2:Main Applications
•PCI Cards protection
•Telephone/Fax/Modem protection
•single line protection
•ADSL/XDSL Splitter,Power Supply
•Surge Protection Device/Surge Protector
3:Features
•100% Lead-Free(RoHs Compliant )
•Non-Radioactive
•Low capacitance: ≤1.5pF
•Small size :Φ8x6(mm)
•Safety certification:
P
Part Number
DC
Spark-over
Voltage
Impulse
Spark-ov
er
Voltage
Insulat
ion
Resist
ance
Impulse discharge
current 8/20μs
Capacita
nce 1MHz
AC
discharge
current
50Hz,1s
Delive
ry time
UL
Certific
ate
@100V/S
@1KV/μs
GΩ
10 Times
1 Time
pF
10times
days
UL1449
2R800
800V ±20%
≤1400V
>1GΩ
5KA
10KA
≤1.5pF
5A
12days
√
2R1000
1000V ±20%
≤ 1700V
>1GΩ
5KA
10KA
≤1.5pF
1A
12days
√
2R1200
1200V ±20%
≤ 1900V
>1GΩ
3KA
10KA
≤1.5pF
1A
12days
√
2R1500
1500V ±20%
≤ 2200V
>1GΩ
3KA
10KA
≤1.5pF
1A
12days
√
2R2000
2000V ±20%
≤ 2700V
>1GΩ
3KA
10KA
≤1.5pF
1A
12days
√
2R2100
2100V ±20%
≤ 3100V
>1GΩ
3KA
10KA
≤1.5pF
1A
12days
√
2R2400
2400V ±20%
≤ 3400V
>1GΩ
3KA
10KA
≤1.5pF
1A
12days
√
2R2500
2500V ±20%
≤ 3500V
>1GΩ
3KA
10KA
≤1.5pF
1A
12days
√
2R2700
2700V ±20%
≤ 3700V
>1GΩ
3KA
10KA
≤1.5pF
1A
12days
√
2R3000
3000V ±20%
≤ 4000V
>1GΩ
3KA
10KA
≤1.5pF
1A
12days
√
2R3100
3100V ±20%
≤ 4100V
>1GΩ
3KA
10KA
≤1.5pF
1A
12days
√
2R3600
3600V ±20%
≤ 4600V
>1GΩ
3KA
10KA
≤1.5pF
1A
12days
√
2R4000
4000V ±20%
≤ 5000V
>1GΩ
3KA
10KA
≤1.5pF
1A
12days
√


Similar Part No. - 2R2000

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
2R2000-4S RUILON-2R2000-4S Datasheet
667Kb / 6P
Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R2000-4S SUNMATE-2R2000-4S Datasheet
674Kb / 3P
GAS DISCHARGE TUBES
logo
Shanghai Leiditech Elec...
2R2000-5L LEIDITECH-2R2000-5L Datasheet
1Mb / 4P
GDT introduction:Gas discharge tubes (GDT) use noble gasses enclosed in ceramic tubes to provide an alternate circuit path for voltage spikes
2R2000-5S LEIDITECH-2R2000-5S Datasheet
1Mb / 4P
GDT introduction:Gas discharge tubes (GDT) use noble gasses enclosed in ceramic tubes to provide an alternate circuit path for voltage spikes
logo
Ruilongyuan Electronics...
2R2000-6S RUILON-2R2000-6S Datasheet
711Kb / 6P
Gas Discharge Tubes
More results

Similar Description - 2R2000

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
2R75C HUAXINAN-2R75C Datasheet
145Kb / 2P
2-Electrode Gas Discharge Tubes
2R75A HUAXINAN-2R75A Datasheet
145Kb / 1P
2-Electrode Gas Discharge Tubes
2C800 HUAXINAN-2C800_17 Datasheet
259Kb / 2P
2-Electrode Gas Discharge Tubes
H2R8-75L HUAXINAN-H2R8-75L Datasheet
199Kb / 2P
2-Electrode Gas Discharge Tubes
H2R8-75MSMD HUAXINAN-H2R8-75MSMD Datasheet
192Kb / 1P
2-Electrode Gas Discharge Tubes
HA2R3-75SMD HUAXINAN-HA2R3-75SMD Datasheet
262Kb / 3P
2-Electrode Gas Discharge Tubes
HA2R5-75L HUAXINAN-HA2R5-75L Datasheet
202Kb / 2P
2-Electrode Gas Discharge Tubes
HA2R8-75ML HUAXINAN-HA2R8-75ML Datasheet
239Kb / 3P
2-Electrode Gas Discharge Tubes
2B600D HUAXINAN-2B600D Datasheet
148Kb / 2P
2-electrode Gas Discharge Tubes
2B800L6 HUAXINAN-2B800L6 Datasheet
145Kb / 2P
2-electrode Gas Discharge Tubes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com