Electronic Components Datasheet Search
  English  ▼

X  

3R200 Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # 3R200
Description  3-Electrode Gas Discharge Tubes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

3R200 Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  3R200 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD 3R200 Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Φ8*10mm
3-Electrode Gas Discharge Tubes
10KA
1:At delivery AQL 0.65 leave Ⅱ Military Standard 105 E
2:In ionized mode
3:Test according to ITU-T Rec.k.12
Environmental resistance
imension(
mm)
Example Part Number: HA3R8-90M
Reflow Soldering Curve
Packaging Information
Packaging Quantity
Specifications are subject to change without notice
2
Tel: +86-755-27465585
HUAAN LIMITED
www.huaandz.com
Email: sales@huaandz.com
Storage temperature:
-40℃┅+90℃
Operating temperature:
-40℃┅+90℃
Electrode:
Tin Plated
HA
=
HUAAN
3
=
3 Electrode device
R
=
Gas Discharge Tube
8
=
8mm Diameter
90
=
90V
M
=
Medium Surge 10KA
Part Number
Quantity
Per Tray
Per Carton
3R-xxx Series
100PCS
5000PCS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com