Electronic Components Datasheet Search
  English  ▼

X  

F1200 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1200
Description  Intermediate Frequency Digital Variable Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1200 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1200 Datasheet HTML 6Page - Renesas Technology Corp F1200 Datasheet HTML 7Page - Renesas Technology Corp F1200 Datasheet HTML 8Page - Renesas Technology Corp F1200 Datasheet HTML 9Page - Renesas Technology Corp F1200 Datasheet HTML 10Page - Renesas Technology Corp F1200 Datasheet HTML 11Page - Renesas Technology Corp F1200 Datasheet HTML 12Page - Renesas Technology Corp F1200 Datasheet HTML 13Page - Renesas Technology Corp F1200 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Intermediate Frequency Digital Variable Gain Amplifier
IDTF1200
RevO
Page 13 of 13
April, 2011
DATASHEET
EVKIT & BOM (Email: RFsupport@IDT.com to request Controller SW and Cable)
The picture and table below describes the recommended EVkit operation and BOM
5x5 QFN
5x5 QFN
Device
Device
EVB Serial #
EVB Serial #
Output 4:1 Balun
Output 4:1 Balun
Transformer
Transformer
DC Power
DC Power
Power Up:
Power Up:
••Closed = On
Closed = On
••Open = Off
Open = Off
Pullup
Pullup
Inductors
Inductors
V
V
MODE
MODE
••Closed = Parallel Control
Closed = Parallel Control
••Open = Serial Control*
Open = Serial Control*
ATTN_IN
ATTN_IN
50
50 Ω
Ω
AMP_OUT
AMP_OUT
50
50 Ω
Ω
GC [0
GC [0--6]
6]
SPI*
SPI*
Input 4:1 Balun
Input 4:1 Balun
Transformer
Transformer
* Serial Mode Untested,
Not Guaranteed to Work
V
V
CC
CC REF / MONITOR
REF / MONITOR
II
SET
SET
Item # Value
Size
Desc
Mfr. Part #
Mfr.
Ref Des
1
4:1 Balun
SM-22
4:1 Center Tap Balun
TC4-1TG2+
Mini Circuits
T1,T2
2
2.87k
0402
RES 2.87K OHM 1/10W 1% 0402 SMD
ERJ-2RKF2871X
Panasonic
R6
3
47k
0402
Pullup resistors for STBY and VMODE jumpers
RC0402FR-0747KL
Yageo
R4, R13
4
0
0402
RES 0.0 OHM 1/10W 0402 SMD
ERJ-2GE0R00X
Panasonic
R11
5
680 nH
1008
RF inductor, ceramic core, 5% tol, SMT, RoHS
1008CS-681XJLC
Coilcraft
L1,L2
6
10 nF
0402
CAP CER 10000PF 16V 10% X7R 0402
GRM155R71C103KA01D
MURATA
C1,C2,C8,C23,C24
7
1000 pF
0402
CAP CER 1000PF 50V C0G 0402
GRM1555C1H102JA01D
MURATA
C4,C10,C13,C19
8
0.1uF
0402
CAP CER .1UF 10V 10% X5R 0402
GRM155R61A104KA01D
MURATA
C9,C11,C17,C20
9
SMA
.062
SMA_END_LAUNCH
142-0711-821
Emerson Johnson
J1,J2,J3
10
Header_2Pin
TH_2
CONN HEADER VERT SGL 2POS GOLD
961102-6404-AR
3M
JP1,JP3
11
Header_14Pin TH_7x2
CONN HEADER 14 POS STRGHT GOLD
N2514-6002-RB
3M
JP5
12
F1200ZD
QFN-28
IF VGA
Q01B005M
IDT
U1
13
PCB
F1200 EV Kit Rev 1
14
DNP
0402
Resistors to ground on Gain ctrl lines
R14 thru R20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com