Electronic Components Datasheet Search
  English  ▼

X  

F1950 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1950
Description  Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1950 Datasheet HTML 1Page - Renesas Technology Corp F1950 Datasheet HTML 2Page - Renesas Technology Corp F1950 Datasheet HTML 3Page - Renesas Technology Corp F1950 Datasheet HTML 4Page - Renesas Technology Corp F1950 Datasheet HTML 5Page - Renesas Technology Corp F1950 Datasheet HTML 6Page - Renesas Technology Corp F1950 Datasheet HTML 7Page - Renesas Technology Corp F1950 Datasheet HTML 8Page - Renesas Technology Corp F1950 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Glitch-FreeTM Digital Step Attenuator
1
Rev 3 Aug 8, 2020
DESCRIPTION
This document describes the specification for the F1950
Digital Step Attenuator. The F1950 is part of a family of
Glitch-FreeTM DSAs optimized for the demanding
requirements of communications Infrastructure. These
devices are offered in a compact 4x4 QFN package with
50 Ω impedances for ease of integration into the radio
system.
COMPETITIVE ADVANTAGE
Digital step attenuators are used in Receivers and
Transmitters to provide gain control. The F1950 is a 7-
bit step attenuator optimized for these demanding
applications. The silicon design has very low insertion
loss and low distortion (+65 dBm IP3I). The device has
pinpoint accuracy and settles to final attenuation value
within 400 ns. Most importantly, the F1950 includes
Renesas’
Glitch-FreeTM technology which results in less
than 0.6 dB of overshoot ringing during MSB transitions.
This is in stark contrast to competing DSAs that
glitch as
much as 10 dB during MSB transitions (see p.10).
Lowest insertion loss for best SNR
Glitch-FreeTM when transitioning –
won’t damage PA or ADC
Extremely accurate with low
distortion
APPLICATIONS
Base Station 2G, 3G, 4G, TDD radiocards
Repeaters and E911 systems
Digital Pre-Distortion
Point to Point Infrastructure
Public Safety Infrastructure
WIMAX Receivers and Transmitters
Military Systems, JTRS radios
RFID handheld and portable readers
Cable Infrastructure
PART# MATRIX
Part#
Freq range
Resolution
/ Range
Control
IL
Pinout
F1950
150 - 5000
0.25 / 31.75
Parallel &
Serial
-1.3
PE
F1951
100 - 5000
0.50 / 31.5
Serial Only
-1.2
HITT
F1952
100 – 4000
0.50 / 15.5
Serial Only
-0.9
HITT
FEATURES
Glitch-FreeTM, < 0.6 dB transient overshoot
Spurious Free Design
3V to 5V supply
Attenuation Error < 0.3 dB @ 2 GHz
Low Insertion Loss < 1.3 dB @ 2 GHz
Excellent Linearity +65 dBm IP3I
Fast settling time, < 400 ns
Class 2 JEDEC ESD (> 2kV HBM)
Serial & Parallel Interface 31.75 dB Range
4 x 4 mm Thin QFN 24 pin package
BLOCK DIAGRAM
ORDERING INFORMATION
RF1
Bias
VDD
VMODE
DEC
D[6:0]
7
CLK
SPI
LE
DATA
RF2
F1950NBGI8
0.8 mm height
package
Green
Industrial
Temp range
Tape &
Reel
RF product Line
Glitch-FreeTM
Glitch-FreeTM


Similar Part No. - F1950

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1950 RENESAS-F1950 Datasheet
2Mb / 23P
Serial and 6 bit Parallel Interface
F1950 RENESAS-F1950 Datasheet
1Mb / 22P
6-Bit Digital Step Attenuator, 1MHz to 4000MHz
Nov 10, 2022
F1950 RENESAS-F1950 Datasheet
2Mb / 19P
7-Bit 0.25dB Digital step Attenuator 150MHz to 5000MHz
Jul 12, 2021
F1950 RENESAS-F1950 Datasheet
2Mb / 21P
6-bit 0.5dB Digital Step Attenuator 100MHz to 5000MHz
Sep 28, 2021
F1950 RENESAS-F1950 Datasheet
1Mb / 19P
6-bit Digital Step Attenuator 400 to 4000 MHz
February 9, 2022
More results

Similar Description - F1950

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC1411 TRIQUINT-TGC1411 Datasheet
370Kb / 5P
0.3 - 10 GHz Downconverter
logo
Skyworks Solutions Inc.
DC08-73 SKYWORKS-DC08-73 Datasheet
159Kb / 4P
Directional Coupler 0.3-2.7 GHz
DC16-73 SKYWORKS-DC16-73 Datasheet
155Kb / 4P
Directional Coupler 0.3-2.7 GHz
logo
API Technologies Corp
TAD5009 APITECH-TAD5009 Datasheet
93Kb / 1P
7 Bit Digital Attenuator Attenuation Range: 12.7 dB
TAD5008 APITECH-TAD5008 Datasheet
190Kb / 1P
5 Bit Digital Attenuator Attenuation Range: 62 dB
TAD5007 APITECH-TAD5007 Datasheet
193Kb / 1P
4 Bit Digital Attenuator Attenuation Range: 45 dB
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008_15 Datasheet
707Kb / 6P
Attenuation: 1.0 dB steps to 15 dB
logo
Micross Components
HMC346 MICROSS-HMC346 Datasheet
927Kb / 9P
32 dB Attenuation Range
logo
ECS, Inc.
LTS ECS-LTS Datasheet
562Kb / 1P
Excellent spurious suppression
logo
Renesas Technology Corp
F1951 RENESAS-F1951 Datasheet
2Mb / 23P
Glitch-FreeTM, < 0.6 dB transient overshoot Spurious Free Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com