Electronic Components Datasheet Search
  English  ▼

X  

FTK3407L Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK3407L
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3407L Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK3407L Datasheet HTML 1Page - First Silicon Co., Ltd FTK3407L Datasheet HTML 2Page - First Silicon Co., Ltd FTK3407L Datasheet HTML 3Page - First Silicon Co., Ltd FTK3407L Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2012. 06. 28
2/4
FTK3407L
Revision No : 0
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Static characteristics
Drain-source breakdown voltage
V(BR) DSS
VGS = 0V, ID =-250µA
-30
V
Zero gate voltage drain current
IDSS
VDS =-24V,VGS = 0V
-1
µA
Gate-source leakage current
IGSS
VGS =±20V, VDS = 0V
±100
nA
VGS =-10V, ID =-4.1A
60
mΩ
Drain-source on-resistance (note 2)
RDS(on)
VGS =-4.5V, ID =-3A
87
mΩ
Forward tranconductance (note 2)
gfS
VDS =-5V, ID =-4A
5.5
S
Gate threshold voltage
VGS(th)
VDS =VGS, ID =-250µA
-1
-3
V
Diode forward voltage (note 1)
VSD
IS=-1A,VGS=0V
-1
V
Dynamic characteristics (note 3)
C
e
c
n
a
ti
c
a
p
a
c
t
u
p
n
I
iss
700
pF
Output capacitance
Coss
120
pF
Reverse transfer capacitance
Crss
VDS =-15V,VGS =0V,f =1MHz
75
pF
Switching Characteristics (note 3)
Turn-on delay time
td(on)
8.6
ns
t
e
m
it
e
s
ir
n
o
-
n
r
u
T
r
5.0
ns
Turn-off delay time
td(off)
28.2
ns
t
e
m
it
ll
a
f
ff
o
-
n
r
u
T
f
VGS=-10V,VDS=-15V,
RL=3.6Ω,RGEN=3Ω
13.5
ns
Notes:
2. Pulse test: Pulse width
≤300µs, duty cycle ≤2%.
3. These parameters have no way to verify.
1: RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is
defined as the solder mounting surface of the drain pins.
RJC is guaranteed by design while RCA is determined by the user's board design.
Scale 1: 1 on letter size paper
a) 78℃/W when mounted on a
1 in
2
pad of 2 oz copper
b) 156℃/W whe mounted on a
minimum pad of 2 oz copper



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com