Electronic Components Datasheet Search
  English  ▼

X  

STW8A2SD Datasheet(PDF) 2 Page - Seoul Semiconductor

Part # STW8A2SD
Description  Mid-Power LED -3528 Series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8A2SD Datasheet(HTML) 2 Page - Seoul Semiconductor

  STW8A2SD Datasheet HTML 1Page - Seoul Semiconductor STW8A2SD Datasheet HTML 2Page - Seoul Semiconductor STW8A2SD Datasheet HTML 3Page - Seoul Semiconductor STW8A2SD Datasheet HTML 4Page - Seoul Semiconductor STW8A2SD Datasheet HTML 5Page - Seoul Semiconductor STW8A2SD Datasheet HTML 6Page - Seoul Semiconductor STW8A2SD Datasheet HTML 7Page - Seoul Semiconductor STW8A2SD Datasheet HTML 8Page - Seoul Semiconductor STW8A2SD Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.seoulsemicon.com
Product Data Sheet
STW8A2SD
– Mid-Power LED
2
Rev1.4, Aug 24. 2020
Performance Characteristics
Table 2. Product Selection Guide, I
F = 100mA, Tj = 25º
C, RH30%
(1) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
(2) Seoul Semiconductor maintains a tolerance of
7% on Intensity and power measurements.
The luminous intensity IV was measured at the peak of the spatial pattern which may not be
aligned with the mechanical axis of the LED package.
(3) The lumen table is only for reference.
Notes :
Part Number
CCT (K)
[1]
RANK
Luminous Intensity
[2]
Luminous Flux
[3]
CRI
IV (cd)
ФV (lm)
Ra
Typ.
Min
Max
Min
Max
Min.
STW8A2SD
6500
K28
28
30
86.8
93.0
80
L30
30
32
93.0
99.2
80
L32
32
34
99.2
105.4
80
5600
K28
28
30
86.8
93.0
80
L30
30
32
93.0
99.2
80
L32
32
34
99.2
105.4
80
5000
K28
28
30
86.8
93.0
80
L30
30
32
93.0
99.2
80
L32
32
34
99.2
105.4
80
4500
K28
28
30
85.4
91.5
80
L30
30
32
91.5
97.6
80
L32
32
34
97.6
103.7
80
4000
K28
28
30
85.4
91.5
80
L30
30
32
91.5
97.6
80
L32
32
34
97.6
103.7
80
3500
K27
27
28
81.0
84.0
80
K28
28
30
84.0
87.0
80
K29
29
30
87.0
90.0
80
L30
30
32
90.0
96.0
80
3000
K27
27
28
81.0
84.0
80
K28
28
30
84.0
90.0
80
L30
30
32
90.0
96.0
80
2700
K26
26
27
78.0
81.0
80
K27
27
28
81.0
84.0
80
K28
28
30
84.0
90.0
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com