Electronic Components Datasheet Search
  English  ▼

X  

ST75LAPA Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # ST75LAPA
Description  Superior high Flux for High Voltage System
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

ST75LAPA Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button ST75LAPA Datasheet HTML 7Page - Seoul Semiconductor ST75LAPA Datasheet HTML 8Page - Seoul Semiconductor ST75LAPA Datasheet HTML 9Page - Seoul Semiconductor ST75LAPA Datasheet HTML 10Page - Seoul Semiconductor ST75LAPA Datasheet HTML 11Page - Seoul Semiconductor ST75LAPA Datasheet HTML 12Page - Seoul Semiconductor ST75LAPA Datasheet HTML 13Page - Seoul Semiconductor ST75LAPA Datasheet HTML 14Page - Seoul Semiconductor ST75LAPA Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.seoulsemicon.com
Product Data Sheet
ST75LAPA - 5050 Series
11
Rev1.1, July 22, 2019
Product Data Sheet
Characteristics Graph
0
25
50
75
100
125
0
200
400
600
800
1000
1200
Rth j-a = 5K/W
Rth j-a = 10K/W
Rth j-a = 15K/W
Ambient Temperature (
OC)
Fig 9. Maximum Forward Current vs. Ambient Temperature, T
j(max.)=125℃, IF=1000mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com