Electronic Components Datasheet Search
  English  ▼

X  

P2H60F2 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # P2H60F2
Description  FRD MODULE 60A/200V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

P2H60F2 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  P2H60F2 Datasheet HTML 1Page - Nihon Inter Electronics Corporation P2H60F2 Datasheet HTML 2Page - Nihon Inter Electronics Corporation P2H60F2 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FRD MODULE 60A/200V
OUTLINE DRAWING
P2H60F2
FEATURES
* Compatible with Isolated Base SOT227
* Dual Separated Diodes
* Ultra – Fast Recovery
* Low Forward Voltage Drop
* High Surge Capability
TYPICAL APPLICATIONS
* High Frequency Rectification
See the Next Page
Maximum Ratings
Approx Net Weight:35g
Type / Grade
Parameter
Symbol
P2H60F2
-
Unit
Repetitive Peak Reverse Voltage *1
VRRM
200
-
Non Repetitive Peak Reverse Voltage *1
VRSM
-
-
V
Parameter
Conditions
Max Rated
Value
Unit
Average Rectified Output Current *1
IO(AV)
50Hz Half Sine Wave condition
Tc=87
°C
60
A
RMS Forward Current *1
IF(RMS)
94
A
Surge Forward Current *1
IFSM
50 Hz Half Sine Wave,1Pulse
Non-repetitive
600
A
I Squared t *1
I2t
2msec to 10msec
1800
A2s
Operating JunctionTemperature Range
Tjw
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isoration Voltage
Viso
Base Plate to Terminals, AC1min
2500
V
Case mounting
M4Screw
1.5(1.4)
Mounting torque
Terminals
Ftor
M4Screw
1.5(1.4)
N•m
Electrical
• Thermal Characteristics
Characteristics
Symbol
Test Conditions
Max. Unit
Peak Reverse Current *1
IRM
VRM= VRRM, Tj= 25
°C
50
µA
Peak Forward Voltage *1
VFM
IFM= 60A, Tj=25
°C
1.08
V
Reverse Recovery Time
trr
Tj=25
°C , IFM=10A, -di/dt=50A/µs
50
ns
Rth(j-c) Junction to Case
0.76
Thermal Resistance *1
Rth(c-f) Base Plate to Heat Sink with Thermal
Compound
0.3
°C/W
*1: Value Per 1Arm


Similar Part No. - P2H60F2

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
P2H60F2 KSS-P2H60F2 Datasheet
426Kb / 2P
Fast Recovery Diode
logo
National Instruments Co...
P2H60F2 NI-P2H60F2_15 Datasheet
208Kb / 2P
60A Avg 200 Volts
More results

Similar Description - P2H60F2

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PH270F2 NIEC-PH270F2 Datasheet
30Kb / 2P
FRD MODULE 270A/200V/trr:150nsec
PC100F5 NIEC-PC100F5 Datasheet
30Kb / 2P
FRD MODULE
10DRA20 NIEC-10DRA20 Datasheet
58Kb / 5P
FRD - 1A 200V 60ns
10ERB20 NIEC-10ERB20 Datasheet
70Kb / 5P
FRD - 1A 200V 60ns
15KRA20 NIEC-15KRA20 Datasheet
64Kb / 5P
FRD - 1.5A 200V 90ns
P2H30F2 NIEC-P2H30F2 Datasheet
155Kb / 3P
FRD MODULE 30A/200V
P2H60F4 NIEC-P2H60F4 Datasheet
155Kb / 3P
FRD MODULE 60A/400V
P2H60F6 NIEC-P2H60F6 Datasheet
154Kb / 3P
FRD MODULE 60A/600V
P2H80F2 NIEC-P2H80F2 Datasheet
155Kb / 3P
FRD MODULE 80A/200V
logo
MacMic
MM60F020PC MACMIC-MM60F020PC Datasheet
362Kb / 3P
200V 60A FRED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com