Electronic Components Datasheet Search
  English  ▼

X  

HMC744LC3 Datasheet(PDF) 2 Page - Analog Devices

Part # HMC744LC3
Description  14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPP LY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC744LC3 Datasheet(HTML) 2 Page - Analog Devices

  HMC744LC3 Datasheet HTML 1Page - Analog Devices HMC744LC3 Datasheet HTML 2Page - Analog Devices HMC744LC3 Datasheet HTML 3Page - Analog Devices HMC744LC3 Datasheet HTML 4Page - Analog Devices HMC744LC3 Datasheet HTML 5Page - Analog Devices HMC744LC3 Datasheet HTML 6Page - Analog Devices HMC744LC3 Datasheet HTML 7Page - Analog Devices HMC744LC3 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC744LC3
v03.0514
14 Gbps, FAsT RIsE TIME 1:2 FANOUT bUFFER
w/ pROGRAMMAbLE OUTpUT VOLTAGE & pOsITIVE sUppLY
Electrical specifications (continued)
Parameter
Conditions
Min.
Typ.
Max
Units
Output Return Loss
Frequency <13 GHz
10
dB
Small Signal Gain
27
dB
Random Jitter JR
rms
0.2
ps rms
Deterministic Jitter, JD
δ - δ, 215-1 PRBS input [1]
2
6
ps
Propagation Delay, td
120
ps
D1 to D2 Data Skew, tSKEW
<2
ps
VR Pin Current
VR = 3.3 V
2
mA
VR Pin Current
VR = 3.7 V
3.5
mA
[1] Deterministic jitter measured at 13 GHz with a 300 mVp-p, 215-1 PRBS input sequence.
[1] VR = 3.3 V
[2] Frequency = 13 GHz
[3] Vcc = 3.3 V
DC Current vs. supply Voltage [1][2]
Rise / Fall Time vs. supply Voltage [1][2]
70
75
80
85
90
95
100
105
110
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
+25C
+85C
-40C
SUPPLY VOLTAGE (V)
15
17
19
21
23
25
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
tr
tf
SUPPLY VOLTAGE (V)
Output Differential Voltage
vs. supply Voltage [1][2]
1000
1025
1050
1075
1100
1125
1150
1175
1200
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
+25C
+85C
-40C
SUPPLY VOLTAGE (V)
Output Differential Voltage
vs. Frequency [1][3]
400
600
800
1000
1200
1400
2
4
6
8
10
12
14
16
18
FREQUENCY (GHz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com