Electronic Components Datasheet Search
  English  ▼

X  

ISO6740F Datasheet(PDF) 37 Page - Texas Instruments

Part # ISO6740F
Description  ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6740F Datasheet(HTML) 37 Page - Texas Instruments

Back Button ISO6740F Datasheet HTML 33Page - Texas Instruments ISO6740F Datasheet HTML 34Page - Texas Instruments ISO6740F Datasheet HTML 35Page - Texas Instruments ISO6740F Datasheet HTML 36Page - Texas Instruments ISO6740F Datasheet HTML 37Page - Texas Instruments ISO6740F Datasheet HTML 38Page - Texas Instruments ISO6740F Datasheet HTML 39Page - Texas Instruments ISO6740F Datasheet HTML 40Page - Texas Instruments ISO6740F Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
13.1 Package Option Addendum
Packaging Information
Orderable
Device
Status(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan(2)
Lead/Ball
Finish(6)
MSL Peak
Temp(3)
Op Temp (°C)
Device
Marking(4) (5)
ISO6740DWR
ACTIVE
SOIC
DW
16
2000
Green (RoHS &
no Sb/Br)
NIPDAU
Level-2-260C-1
YEAR
--40 to 125
ISO6740
ISO6740FDWR ACTIVE
SOIC
DW
16
2000
Green (RoHS &
no Sb/Br)
NIPDAU
Level-2-260C-1
YEAR
--40 to 125
ISO6740F
ISO6741DWR
ACTIVE
SOIC
DW
16
2000
Green (RoHS &
no Sb/Br)
NIPDAU
Level-2-260C-1
YEAR
--40 to 125
ISO6741
ISO6741FDWR ACTIVE
SOIC
DW
16
2000
Green (RoHS &
no Sb/Br)
NIPDAU
Level-2-260C-1
YEAR
--40 to 125
ISO6741F
ISO6742DWR
ACTIVE
SOIC
DW
16
2000
Green (RoHS &
no Sb/Br)
NIPDAU
Level-2-260C-1
YEAR
--40 to 125
ISO6742
ISO6742FDWR ACTIVE
SOIC
DW
16
2000
Green (RoHS &
no Sb/Br)
NIPDAU
Level-2-260C-1
YEAR
--40 to 125
ISO6742F
www.ti.com
ISO6740, ISO6741, ISO6742
SLLSFJ6C – DECEMBER 2019 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: ISO6740 ISO6741 ISO6742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com