Electronic Components Datasheet Search
  English  ▼

X  

LTC4358 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC4358
Description  Low Quiescent Current Ideal Diode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4358 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC4358 Datasheet HTML 5Page - Analog Devices LTC4358 Datasheet HTML 6Page - Analog Devices LTC4358 Datasheet HTML 7Page - Analog Devices LTC4358 Datasheet HTML 8Page - Analog Devices LTC4358 Datasheet HTML 9Page - Analog Devices LTC4358 Datasheet HTML 10Page - Analog Devices LTC4358 Datasheet HTML 11Page - Analog Devices LTC4358 Datasheet HTML 12Page - Analog Devices LTC4358 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
The source of the external MOSFET is connected to IN
and SOURCE while its drain is connected to OUT. The
LTC4372/LTC4373 control the gate of the MOSFET to
regulate the voltage drop across the pass transistor to
less than 30mV.
In the event of a rapid drop in input voltage, such as an
input short-circuit fault or negative-going voltage spike,
reverse current temporarily flows through the MOSFET.
This current is provided by any load capacitance and
by other supplies or batteries that feed the output in
diode-OR applications. The reverse current comparator
quickly responds to this condition by turning the MOSFET
off in 500ns. This fast turn-off prevents the reverse cur-
rent from ramping up to a damaging level, thus minimiz-
ing the disturbance to the output bus.
IN, SOURCE and GATE are protected against reverse
inputs of up to –28V. The negative comparator detects
negative input potentials at SOURCE and quickly connects
GATE to SOURCE, turning off the MOSFET and isolating
the load from the negative input.
For the LTC4372, driving SHDN high pulls the MOSFET
gate down to SOURCE with a 1mA pull-down. IQ reduces
to 0.5μA for a back-to-back MOSFET configuration and
GATE is held low with a 3μA pull-down to GND. When
SHDN goes low, the LTC4372 ramps GATE up to turn on
the external MOSFET. 2UPU has a 2μA pull-up to INTVCC
which can be connected to SHDN to facilitate on/off con-
trol by a microcontroller’s open-drain output.
The LTC4373 can monitor the input voltage via an exter-
nal resistive voltage divider to UV. When UV goes below
1.191V, GATE pulls down to SOURCE with a 1mA pull-
down and UVOUT pulls low. IQ reduces to 0.5μA for a
back-to-back MOSFET configuration and GATE is held low
with a 3μA pull down to GND. When UV recovers above
VUV + VUV(HYST), the LTC4373 ramps GATE up to turn on
the external MOSFET. An optional resistor can be con-
nected between UV and UVOUT to configure an external
hysteresis to override VUV(HYST).
LTC4372/LTC4373
9
Rev. 0
For more information www.analog.com
OPERATION
Blocking diodes are commonly placed in series with sup-
ply inputs for ORing redundant supplies and protecting
against supply reversal. The LTC4372/LTC4373 replace
the diodes such as in portable equipment and automo-
tive applications with N-channel MOSFETs acting as ideal
diodes. The forward voltage drop reduces as shown in
Figure 1, a feature that is readily appreciated at low input
voltages where headroom is tight.
Figure 1. Forward Voltage Drop Comparison Between MOSFET
and Schottky Diode
VOLTAGE (V)
MOSFET
(BSC026N08NS5)
SCHOTTKY DIODE
(SBG2040CT)
0.0
0
15
10
5
20
0.3
0.4
0.5
0.1
0.2
43723 F01
As a result of this lower forward voltage drop, there is a
dramatic reduction in power loss achieved in a practical
application as shown in the Typical Application curve on
Page 1. This represents significant savings in board area
by greatly reducing heat sinking requirements of the pass
device. In addition to these two desirable properties, the
LTC4372/LTC4373 feature a low operating current (5µA)
and shutdown current (0.5µA). This increases efficiency
in applications where the ideal diode is used for intermit-
tent loads or always on standby channels, making the
LTC4372/LTC4373 suitable for battery powered appli-
cations in the portable instrumentation, automotive and
renewable energy fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com