Electronic Components Datasheet Search
  English  ▼

X  

LTC4364 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC4364
Description  Low Quiescent Current Ideal Diode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4364 Datasheet(HTML) 2 Page - Analog Devices

  LTC4364 Datasheet HTML 1Page - Analog Devices LTC4364 Datasheet HTML 2Page - Analog Devices LTC4364 Datasheet HTML 3Page - Analog Devices LTC4364 Datasheet HTML 4Page - Analog Devices LTC4364 Datasheet HTML 5Page - Analog Devices LTC4364 Datasheet HTML 6Page - Analog Devices LTC4364 Datasheet HTML 7Page - Analog Devices LTC4364 Datasheet HTML 8Page - Analog Devices LTC4364 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4372/LTC4373
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
IN, SOURCE ...............................................–28V to 100V
OUT..............................................................–2V to 100V
IN – OUT .................................................–100V to 100V
IN – SOURCE ...............................................–1V to 100V
SOURCE – OUT........................................–100V to 100V
GATE – SOURCE (Note 3) .......................... –0.3V to 10V
SHDN, UV, 2UPU, UVOUT......................... –0.3V to 100V
INTVCC......................................................... –0.3V to 6V
(Notes 1, 2)
LTC4372
LTC4372
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 9) PCB CONNECTION TO GND IS OPTIONAL
5
6
7
8
9
4
3
2
1
OUT
GATE
SOURCE
IN
SHDN
2UPU
GND
INTVCC
1
2
3
4
OUT
GATE
SOURCE
IN
8
7
6
5
SHDN
2UPU
GND
INTVCC
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 163°C/W
LTC4373
LTC4373
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 9) PCB CONNECTION TO GND IS OPTIONAL
5
6
7
8
9
4
3
2
1
OUT
GATE
SOURCE
IN
UV
UVOUT
GND
INTVCC
1
2
3
4
OUT
GATE
SOURCE
IN
8
7
6
5
UV
UVOUT
GND
INTVCC
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 163°C/W
Operating Ambient Temperature Range
LTC4372C, LTC4373C.............................. 0°C to 70°C
LTC4372I, LTC4373I ............................–40°C to 85°C
LTC4372H, LTC4373H ....................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 Sec)
MSOP Package .................................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com