Electronic Components Datasheet Search
  English  ▼

X  

LTC4372CDD Datasheet(PDF) 15 Page - Analog Devices

Part # LTC4372CDD
Description  Low Quiescent Current Ideal Diode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4372CDD Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC4372CDD Datasheet HTML 11Page - Analog Devices LTC4372CDD Datasheet HTML 12Page - Analog Devices LTC4372CDD Datasheet HTML 13Page - Analog Devices LTC4372CDD Datasheet HTML 14Page - Analog Devices LTC4372CDD Datasheet HTML 15Page - Analog Devices LTC4372CDD Datasheet HTML 16Page - Analog Devices LTC4372CDD Datasheet HTML 17Page - Analog Devices LTC4372CDD Datasheet HTML 18Page - Analog Devices LTC4372CDD Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC4372/LTC4373
15
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 11 demonstrates how UV can be used to monitor
IN. For the UV pin, the maximum input leakage current
is 50nA. For a maximum error of 1% due to leakage cur-
rents, the resistive voltage divider current IRVD should be
at least 100 times the sum of the leakage currents, or 5μA.
The IN Undervoltage threshold (VH2L) is used to calculate
the value of R4, R5 and Undervoltage Recovery threshold
(VL2H) as shown in Equation 5.
VH2L = VUV •
R4
+R5
R5
VL2H = VUV + VUV(HYST)
(
)•R4+R5
R5
(5)
For applications that require a higher and more accurate
hysteresis, UVOUT can be used to program an external
hysteresis to override the default hysteresis. Comparator
C1 in the Block Diagram controls an internal 140Ω switch
pulling down on UVOUT. When UV ramps below 1.191V
Figure 11. Configuration for Monitoring IN
C1
100nF
R5
R4
R6
(OPTIONAL)
VIN
COUT
10µF
IN
UV
INTVCC
UVOUT
SOURCE
LTC4373
GATE
OUT
43723 F11
GND
and trips C1, the switch pulls UVOUT low. When UV ramps
above 1.191V and un-trips C1, the switch turns off and
UVOUT goes high impedance. By connecting R6 between
UV and UVOUT, R4 and R5 implements VH2L and VL2H.
Obtain R4 and R5 from Equation 5 and calculate R6 using
Equation 6.
VH2L = VUV •
R4
+R5
R5
VL2H = VUV •
R4
+Rpa
Rpa
where Rpa
= R5//R6 =
R5 •R6
R5
+R6
(6)
As long as the external hysteresis to be implemented
exceeds 5% of VH2L, Equation 6 can disregard the default
UV hysteresis without affecting accuracy.
With UVOUT connected to the resistive voltage divider,
the leakage current error needs to be re-visited. For the
UVOUT pin, the maximum input leakage current below
85°C is 50nA. While IN ramps high to low, the resistive
voltage divider sees the leakage currents from both UV
and UVOUT. This gives a total of 100nA of leakage cur-
rents. With 5μA through R4 and R5, this will add 2%
inaccuracy to VH2L. While IN ramps low to high, UVOUT
is pulled low. The resistive voltage divider sees only the
50nA of leakage current from UV. With 5μA through R4
and R5, this will add 1% inaccuracy to VL2H. To lower the
leakage current error, increase IRVD.
Layout Considerations
Connect IN, SOURCE and OUT as close as possible to
the MOSFET source and drain pins. Keep the drain and
source traces to the MOSFET wide and short to mini-
mize resistive losses as shown in Figure 12. Place COUT
close to the drain pin of MOSFET and keep the trace from
LTC4372/LTC4373 GATE pin to MOSFET gate short and
thin to minimize parasitic inductance and capacitance.
This practice will reduce the chance of MOSFET parasitic
oscillations. Place any surge suppressors and necessary
transient protection components close to the LTC4372/
LTC4373 using short lead lengths.
For the DFN package, pin spacing may be a concern at
voltages greater than 30V. Check creepage and clearance
guidelines to determine if this is an issue. To increase the
effective pin spacing between high voltage and ground
pins, leave the exposed pad connection open. Use
no-clean flux to minimize PCB contamination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com