Electronic Components Datasheet Search
  English  ▼

X  

LTC4373CDD Datasheet(PDF) 12 Page - Analog Devices

Part # LTC4373CDD
Description  Low Quiescent Current Ideal Diode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4373CDD Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC4373CDD Datasheet HTML 8Page - Analog Devices LTC4373CDD Datasheet HTML 9Page - Analog Devices LTC4373CDD Datasheet HTML 10Page - Analog Devices LTC4373CDD Datasheet HTML 11Page - Analog Devices LTC4373CDD Datasheet HTML 12Page - Analog Devices LTC4373CDD Datasheet HTML 13Page - Analog Devices LTC4373CDD Datasheet HTML 14Page - Analog Devices LTC4373CDD Datasheet HTML 15Page - Analog Devices LTC4373CDD Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC4372/LTC4373
12
Rev. 0
For more information www.analog.com
in LIN and LOUT is interrupted and this causes IN to spike
negative and OUT to spike positive. At OUT, COUT clamps
the positive going spike caused by LOUT and commutates
I(LOUT) to zero. At IN, the internal GND – GATE clamp
asserts and holds GATE to 32V below GND, this causes M1
to turn back on as IN/SOURCE undershoots below GATE.
The current in LIN is diverted by M1 to COUT and safely
commutates to zero as shown in the short-circuit transient
of Figure 6b. If these transients cause too large of a ∆V at
OUT, increase the capacitance of COUT or add a TVS D1.
If a low source resistance power supply drives VIN, large
currents can build up in LS during the short-circuit.
When the short-circuit goes away, I(LS) can cause IN and
SOURCE to spike positive until it is held by M1 body diode
to COUT. This fast slew rate at SOURCE can cause a large
shoot-through current to flow into the part from SOURCE
to GND potentially causing damage. Adding an external
RGND will limit this current to a safe level.
For applications where IN ≤ 13.2V, a 0805 size 100Ω for
RGND is sufficient. For applications where IN > 13.2V, a
larger value RGND, 1k, is necessary. To keep GND from
going too negative when the GND – GATE clamp turns
on, a fast recovery diode like the 1N4148W is placed in
parallel with the 1k RGND.
For back-to-back MOSFET applications where SOURCE
is not driven by VIN, RGND is not needed. RGND can also
be omitted for a single MOSFET application driven by a
APPLICATIONS INFORMATION
power supply with a large source impedance. VIN col-
lapses during the short-circuit and cannot build up cur-
rent in LS. SOURCE will not see fast slew rates when the
short-circuit goes away.
Using the external MOSFETs to commutate the parasitic
inductor currents during an input short-circuit is feasible
with input voltages up to 33V. This ensures that during
the transient, the IN – OUT Absolute Maximum Voltage of
±100V is not exceeded. During the short-circuit transient,
the MOSFET VDS sees |VGND|+|VGATE(NEG)|+VTH(M1)+VOUT.
Choose the MOSFET BVDSS accordingly. For other tech-
niques to protect the LTC4372/LTC4373 during input
short-circuits see the Design Examples section.
Reverse Input Protection
Negative voltages at IN can also occur if a battery
is plugged in backwards or a negative supply is inadver-
tently connected. Figure 7 shows the waveforms when the
application circuit in Figure 2 is hot plugged to –24V. Due
to the parasitic inductance in between input and IN/
SOURCE, the voltages at the pins can ring significantly
below –24V. Similar to the input short-circuit situation,
the GND – GATE clamp causes M1 to divert the current
in the parasitic inductances to COUT. The GND – GATE
clamp limits the maximum DC negative voltage that the
Figure 2 application can handle to –28V.
Figure 6. Reverse Recovery Produces Inductive Spikes at IN, SOURCE and OUT. The Polarity of
Inductive Spike is Shown Across Parasitic Inductances
LTC4372
OUT
GATE
SOURCE
IN
43723 F06a
VOUT
VIN
CLOAD
M1
BSC026N08NS5
REVERSE CURRENT
+
–
D1
SMAJ33A
(OPTIONAL)
LOUT
OUTPUT
PARASITIC
INDUCTANCE
COUT
10F
+
–
LIN
INPUT
PARASITIC
INDUCTANCE
+
–
LS
SOURCE
PARASITIC
INDUCTANCE
INPUT
SHORT
D4
1N4148W
(FOR VIN > 13.2V)
SHDN
GND
RGND
(a)
500ns/DIV
43723 F06b
GATE, IN
GND
10V/DIV
I(M1)
20A/DIV
0A
COUT = 10F
GATE
GND
IN
0V
(b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com