Electronic Components Datasheet Search
  English  ▼

X  

LTC4352 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC4352
Description  Surge Stopper with Fault Latchoff
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4352 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC4352 Datasheet HTML 10Page - Analog Devices LTC4352 Datasheet HTML 11Page - Analog Devices LTC4352 Datasheet HTML 12Page - Analog Devices LTC4352 Datasheet HTML 13Page - Analog Devices LTC4352 Datasheet HTML 14Page - Analog Devices LTC4352 Datasheet HTML 15Page - Analog Devices LTC4352 Datasheet HTML 16Page - Analog Devices LTC4352 Datasheet HTML 17Page - Analog Devices LTC4352 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT4356-3
14
Rev D
For more information www.analog.com
Figure 5.
Figure 6. Auxiliary LDO Output with Optional Current Limit
C1
R3
43563 F05
LT4356-3
GATE
M1
R1
D1
IN4148W
*4.7
D1*
BAV99
2N2905A OR
BCP53
R4
249k
47nF
INPUT
2.5V OUTPUT
≈ 150mA MAX
*OPTIONAL FOR
CURRENT LIMIT
LT4356DE-3
AOUT
RLIM
11
12
R6
100k
R5
249k
43563 F06
IN+
10µF
R4 + R5
R5
VOUT = 1.25
ILIM ≈
0.7
RLIM
APPLICATIONS INFORMATION
The LT4356-3 does not need extra compensation compo-
nents at the GATE pin for stability during an overvoltage
or overcurrent event. However, with fast, high voltage
transient steps at the input, a gate capacitor, C1, to ground
is needed to prevent turn-on of the N-channel MOSFET.
The extra gate capacitance slows down the turn off time
during fault conditions and may allow excessive current
during an output short event. An extra resistor, R1, in
series with the gate capacitor can improve the turn off
time. A diode, D1, should be placed across R1 with the
cathode connected to C1 as shown in Figure 5.
tions. This diode causes extra power loss, generates heat,
and reduces the available supply voltage range. During
cold crank, the extra voltage drop across the diode is
particularly undesirable.
The LT4356-3 is designed to withstand reverse voltage
without damage to itself or the load. The VCC, SNS, and
SHDN pins can withstand up to 60V of DC voltage below
the GND potential. Back-to-back MOSFETs must be used
to eliminate the current path through their body diodes
(Figure 7). Figure 8 shows the approach with a P-Channel
MOSFET in place of Q2.
Figure 7. Overvoltage Regulator with N-channel MOSFET
Reverse Input Protection
CTMR
0.1µF
RSNS
10m
M1
IRLR2908
M2
IRLR2908
VIN
12V
VOUT
12V, 3A
CLAMPED
AT 16V
43563 F07
LT4356DE-3
GND
TMR
10
1
OUT
SNS
3
5
SHDN
7
AOUT
11
IN+
12
VCC
6
EN
FLT
FB
9
8
2
D2*
SMAJ58CA
R2
4.99k
R1
59k
GATE
4
R7
10k
R5
1M
Q3
2N3904
D1
1N4148
R3
10
R4
10
*DIODES INC.
Auxiliary Amplifier
An uncommitted amplifier is included in the LT4356-3 to
provide flexibility in the system design. With the negative
input connected internally to the 1.25V reference, the
amplifier can be connected as a level detect comparator
with external hysteresis. The open collector output pin,
AOUT, is capable of driving an opto or LED. It can also
interface with the system via a pull-up resistor to a supply
voltage up to 80V.
The amplifier can also be configured as a low dropout
linearregulatorcontroller.WithanexternalPNPtransistor,
such as 2N2905A, it can supply up to 100mA of current
with only a few hundred mV of dropout voltage. Current
limit can be easily included by adding two diodes and one
resistor (Figure 6). The amplifier is turned off when the
LT4356-3 is shut down.
Reverse Input Protection
A blocking diode is commonly employed when reverse
input potential is possible, such as in automotive applica-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com