Electronic Components Datasheet Search
  English  ▼

X  

2N7000 Datasheet(PDF) 3 Page - Microchip Technology

Part # 2N7000
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

2N7000 Datasheet(HTML) 3 Page - Microchip Technology

  2N7000 Datasheet HTML 1Page - Microchip Technology 2N7000 Datasheet HTML 2Page - Microchip Technology 2N7000 Datasheet HTML 3Page - Microchip Technology 2N7000 Datasheet HTML 4Page - Microchip Technology 2N7000 Datasheet HTML 5Page - Microchip Technology 2N7000 Datasheet HTML 6Page - Microchip Technology 2N7000 Datasheet HTML 7Page - Microchip Technology 2N7000 Datasheet HTML 8Page - Microchip Technology 2N7000 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2021 Microchip Technology Inc.
DS20005695A-page 3
2N7000
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise specified, for all specifications TA =TJ = +25°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
TEMPERATURE RANGE
Operating Ambient Temperature
TA
–55
—
+150
°C
Storage Temperature
TS
–55
—
+150
°C
PACKAGE THERMAL RESISTANCE
3-lead TO-92
JA
—
132
—
°C/W
Note 1: Mounted on an FR4 board; 25 mm x 25 mm x 1.57 mm
THERMAL CHARACTERISTICS
Package
ID (Note 1)
(Continuous)
(mA)
ID
(Pulsed)
(mA)
Power Dissipation at
TC = 25°C
(W)
IDR (Note 1)
(mA)
IDRM
(mA)
3-lead TO-92
200
500
1
200
500
Note 1: ID (continuous) is limited by maximum TJ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com