Electronic Components Datasheet Search
  English  ▼

X  

AMGP-6551 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # AMGP-6551
Description  40.5 ??43.5 GHz SMT Packaged Up-Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMGP-6551 Datasheet(HTML) 1 Page - Broadcom Corporation.

  AMGP-6551 Datasheet HTML 1Page - Broadcom Corporation. AMGP-6551 Datasheet HTML 2Page - Broadcom Corporation. AMGP-6551 Datasheet HTML 3Page - Broadcom Corporation. AMGP-6551 Datasheet HTML 4Page - Broadcom Corporation. AMGP-6551 Datasheet HTML 5Page - Broadcom Corporation. AMGP-6551 Datasheet HTML 6Page - Broadcom Corporation. AMGP-6551 Datasheet HTML 7Page - Broadcom Corporation. AMGP-6551 Datasheet HTML 8Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AMGP-6551
40.5 – 43.5 GHz SMT Packaged Up-Converter
Data Sheet
Description
The AMGP-6551 is a surface mount packaged broadband
Up-converter that combines a sub-harmonic, SSB mixer
with a variable gain amplifier. It is designed for use at fre-
quencies between 37.5 GHz and 43.5 GHz and provides 10
dB of conversion gain with >20 dB gain control dynamic
range. This Up-converter required +20 dBm LO drive level,
and it supports IF from DC to 3 GHz. OIP3 of +20 and +16
dBm are achieved at 40.5 and 43.5 GHz respectively.
Functional Block Diagram
Features
 5 x 5 mm surface mount package
 RF frequency range from 40.5 to 43.5 GHz
 LO frequency range from 18.5 to 23.5 GHz
 IF frequency range from DC to 3 GHz
 +20 dBm LO driver power
 10 dB Conversion Gain
 20 dB Dynamic Range
 +20 dBm Output IP3 @ 40.5 GHz, and +16 dBm @ 43.5
GHz
 Vdd = 3.5 V and Idd = 300 mA
 1 to 0 V Control voltage (Vc)
Application
 Microwave Radio Systems
Package Diagram
Attention: Observe Precautions for
handling electrostatic sensitive devices.
ESD Machine Model: 30 V
ESD Human Body Model: 150 V
Refer to Avago Application Note A004R:
Electrostatic Discharge Damage and Control.
Pin
Function
1
IF1
2Vd1
3
IF2
4
RF_OUT
5Vd3
6Vc
7Vd2
8
RF_IN
1
2
3
7
6
5
8
4
GND
1
8
4
2
3
7
6
5
LO
RF
IF1
IF2
Vd1
Vd2
Vc
Vd3


Similar Part No. - AMGP-6551

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6551 AVAGO-AMGP-6551 Datasheet
639Kb / 8P
IF frequency range from DC to 3 GHz
AMGP-6551-BLKG AVAGO-AMGP-6551-BLKG Datasheet
639Kb / 8P
IF frequency range from DC to 3 GHz
AMGP-6551-TR1G AVAGO-AMGP-6551-TR1G Datasheet
639Kb / 8P
IF frequency range from DC to 3 GHz
AMGP-6551-TR2G AVAGO-AMGP-6551-TR2G Datasheet
639Kb / 8P
IF frequency range from DC to 3 GHz
More results

Similar Description - AMGP-6551

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1015-BD MIMIX-XP1015-BD_10 Datasheet
1,002Kb / 8P
43.5-46.5 GHz GaAs MMIC
XP1016-BD MIMIX-XP1016-BD_10 Datasheet
998Kb / 8P
43.5-46.5 GHz GaAs MMIC
logo
TriQuint Semiconductor
TGA4543 TRIQUINT-TGA4543 Datasheet
1Mb / 13P
40.5 - 43.5 GHz Power Amplifier
TGA4543 TRIQUINT-TGA4543_15 Datasheet
1Mb / 13P
40.5 to 43.5 GHz Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6432 AVAGO-AMGP-6432 Datasheet
368Kb / 9P
28-31 GHz 2W SMT Packaged Power Amplifier
AMGP-6434 AVAGO-AMGP-6434 Datasheet
357Kb / 9P
28-31 GHz 4W SMT Packaged Power Amplifier
logo
Broadcom Corporation.
AMGP-6445 BOARDCOM-AMGP-6445 Datasheet
146Kb / 9P
40.5 ??43.5 GHz SMT Packaged Linear Power Amplifi er
AMGP-6342 BOARDCOM-AMGP-6342 Datasheet
147Kb / 7P
40.5 ??43.5 GHz SMT Packaged Variable Gain Amplifi er
AMGP-6552 BOARDCOM-AMGP-6552 Datasheet
151Kb / 8P
37 ??43.5 GHz Low Noise Down-Converter in SMT Package
logo
Qorvo, Inc
QPF4006 QORVO-QPF4006 Datasheet
1Mb / 23P
37 ??40.5 GHz GaN Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com