Electronic Components Datasheet Search
  English  ▼

X  

AMGP-6445 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # AMGP-6445
Description  40.5 ??43.5 GHz SMT Packaged Linear Power Amplifi er
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMGP-6445 Datasheet(HTML) 4 Page - Broadcom Corporation.

  AMGP-6445 Datasheet HTML 1Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 2Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 3Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 4Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 5Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 6Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 7Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 8Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 9Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
P1dB @ 40.5 GHz, Mean = 28.9 dBm, LSL = 27 dBm
Gain @ 42 GHz, Mean = 21.1 dB, LSL = 18 dB
Gain @ 43.5 GHz, Mean = 22.5 dB, LSL = 18 dB
Gain @ 40.5 GHz, Mean = 22.9 dB, LSL = 18 dB
Product Consistency Distribution Charts at 40.5 GHz, 42 GHz and 43.5 GHz, Vdd = 5.5 V, Id = 0.7 A
(Sample Size of 1500 pieces)
P1dB @ 42 GHz, Mean = 27.9 dBm, LSL = 27 dBm
P1dB @ 43.5 GHz, Mean = 29.8 dBm, LSL = 27 dBm
26
28
30
31
32
27
29
26
28
30
31
32
27
29
26
28
30
31
32
27
29
LSL
LSL
LSL
18
19
21
20
23
24
25
26
22
LSL
LSL
LSL
18
19
21
20
23
24
25
26
22
18
19
21
20
23
24
25
26
22



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com