Electronic Components Datasheet Search
  English  ▼

X  

AMGP-6342 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # AMGP-6342
Description  40.5 ??43.5 GHz SMT Packaged Variable Gain Amplifi er
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMGP-6342 Datasheet(HTML) 1 Page - Broadcom Corporation.

  AMGP-6342 Datasheet HTML 1Page - Broadcom Corporation. AMGP-6342 Datasheet HTML 2Page - Broadcom Corporation. AMGP-6342 Datasheet HTML 3Page - Broadcom Corporation. AMGP-6342 Datasheet HTML 4Page - Broadcom Corporation. AMGP-6342 Datasheet HTML 5Page - Broadcom Corporation. AMGP-6342 Datasheet HTML 6Page - Broadcom Corporation. AMGP-6342 Datasheet HTML 7Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AMGP-6342
40.5 – 43.5 GHz SMT Packaged Variable Gain Amplifier
Data Sheet
Description
The AMGP-6342 is a broadband variable gain amplifier
in a surface mount package designed for use in various
applications such as 42 GHz Point-to-Point Radio that
operate  at frequencies between 40.5 GHz and 43.5 GHz. 
Over the frequency range it provides 25 dB of gain control
with 9 dB small-signal gain and input and output 50
match. OIP3 of +25 is delivered at 43 GHz.
Functional Block Diagram
Features
 5 x 5 mm surface mount package
 RF frequency range from 40.5 to 43.5 GHz
 9 dB Maximum Gain
 25 dB Dynamic Range
 +25 dBm Output IP3 @ 43 GHz
 Vd = 5 V and Id = 205 mA
 -1 to 0 V Control voltage (Vc)
Applications
 Microwave Radio Systems
 Test Instrument
Package Diagram
Attention: Observe Precautions for
handling electrostatic sensitive devices.
ESD Machine Model: 40V
ESD Human Body Model: 150V
Refer to Avago Application Note A004R:
Electrostatic Discharge Damage and Control.
Pin
Function
1Vd
2NC
3Vd
4
RF_OUT
5Vc
6NC
7NC
8
RF_IN
8
IN
7
NC
6
NC
5
Vc
4
OUT
1
Vd
2
NC
3
Vd
1
2
3
7
6
5
8
4
TOP VIEW
GND


Similar Part No. - AMGP-6342

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6342 AVAGO-AMGP-6342 Datasheet
147Kb / 7P
9 dB Maximum Gain
AMGP-6342-BLKG AVAGO-AMGP-6342-BLKG Datasheet
147Kb / 7P
9 dB Maximum Gain
AMGP-6342-TR1G AVAGO-AMGP-6342-TR1G Datasheet
147Kb / 7P
9 dB Maximum Gain
AMGP-6342-TR2G AVAGO-AMGP-6342-TR2G Datasheet
147Kb / 7P
9 dB Maximum Gain
More results

Similar Description - AMGP-6342

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4543 TRIQUINT-TGA4543 Datasheet
1Mb / 13P
40.5 - 43.5 GHz Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6421 AVAGO-AMMP-6421 Datasheet
311Kb / 10P
13-16 GHz 1W Power Amplifi er in SMT Package
logo
API Technologies Corp
BXMF1043 APITECH-BXMF1043 Datasheet
324Kb / 2P
Automatic Gain Controlled Amplifi er
logo
MRV Communications, Inc...
EM800-OABT MRV-EM800-OABT Datasheet
1Mb / 2P
LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
logo
TriQuint Semiconductor
TGA4543 TRIQUINT-TGA4543_15 Datasheet
1Mb / 13P
40.5 to 43.5 GHz Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6441 AVAGO-AMMP-6441 Datasheet
263Kb / 9P
36-40 GHz, 0.4W Power Amplifi er in SMT Package
logo
Broadcom Corporation.
AMGP-6551 BOARDCOM-AMGP-6551 Datasheet
639Kb / 8P
40.5 ??43.5 GHz SMT Packaged Up-Converter
AMGP-6445 BOARDCOM-AMGP-6445 Datasheet
146Kb / 9P
40.5 ??43.5 GHz SMT Packaged Linear Power Amplifi er
AMMP-6441 BOARDCOM-AMMP-6441 Datasheet
263Kb / 9P
36 - 40 GHz, 0.4W Power Amplifi er in SMT Package
AMMP-6421 BOARDCOM-AMMP-6421 Datasheet
311Kb / 10P
13-16 GHz 1W Power Amplifi er in SMT Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com