Electronic Components Datasheet Search
  English  ▼

X  

54ACT899 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACT899
Description  9-Bit Latchable Transceiver with Parity Generator/Checker
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT899 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button 54ACT899 Datasheet HTML 5Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 6Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 7Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 8Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 9Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 10Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 11Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 12Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DC Electrical Characteristics for ’AC Family Devices (Continued)
74AC
74AC
Symbol
Parameter
VCC
TA ea25 C
TA e
Units
Conditions
(V)
b
40 Cto a85 C
Typ
Guaranteed Limits
IOLD
Minimum Dynamic
55
75
mA
VOLD e 165V Max
IOHD
Output Current
55
b
75
mA
VOHD e 385V Min
ICC
Maximum Quiescent
55
80
800
m
A
VIN e VCC
Supply Current
or GND (Note)
IOZ
Maximum TRI-STATE
VI(OE) e VIL VIH
Leakage Current
55
g
05
g
50
m
AVI e VCC GND
VO e VCC GND
Maximum test duration 20 ms one output loaded at a time
Note
IIN and ICC
30V are guaranteed to be less than or equal to the respective limit
55V VCC ICC for 54AC
25 C is identical to 74AC
25 C
DC Electrical Characteristics for ’ACT Family Devices
74ACT
54ACT
74ACT
Symbol
Parameter
VCC
TA ea25 C
TA e
TA e
Units
Conditions
(V)
b
55 Cto a125 C
b
40 Cto a85 C
Typ
Guaranteed Limits
VIH
Minimum High Level
45
15
20
20
20
V
VOUT e 01V
Input Voltage
55
15
20
20
20
or VCC b 01V
VIL
Maximum Low Level
45
15
08
08
08
V
VOUT e 01V
Input Voltage
55
15
08
08
08
or VCC b 01V
VOH
Minimum High Level
45
449
44
44
44
V
IOUT eb50 mA
Output Voltage
55
549
54
54
54
VIN e VIL or VIH
45
386
370
376
V
IOH
b
24 mA
55
486
470
476
b
24 mA
VOL
Maximum Low Level
45
0001
01
01
01
V
IOUT e 50 mA
Output Voltage
55
0001
01
01
01
VIN e VIL or VIH
45
036
050
044
V
IOL
24 mA
55
036
050
044
24 mA
IIN
Maximum Input
55
g
01
g
10
g
10
m
A
VI e VCC GND
Leakage Current
IOZ
Maximum TRI-STATE
55
g
05
g
100
g
50
m
A
VI e VIL VIH
Leakage Current
VO e VCC GND
ICCT
Maximum ICC Input
55
06
16
15
mA
VI e VCC b 21V
IOLD
Minimum Dynamic
55
50
75
mA
VOLD e 165V Max
IOHD
Output Current
55
b
50
b
75
mA
VOHD e 385V Min
ICC
Maximum Quiescent
55
80
1600
800
m
A
VIN e VCC
Supply Current
or GND (Note)
Maximum of 9 outputs loaded thresholds on input associated with output under test
Maximum test duration 20 ms one output loaded at a time
Note
ICC for 54ACT
25 C is identical to 74ACT
25 C
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com