Electronic Components Datasheet Search
  English  ▼

X  

AD4022 Datasheet(PDF) 18 Page - Analog Devices

Part # AD4022
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4022 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD4022 Datasheet HTML 14Page - Analog Devices AD4022 Datasheet HTML 15Page - Analog Devices AD4022 Datasheet HTML 16Page - Analog Devices AD4022 Datasheet HTML 17Page - Analog Devices AD4022 Datasheet HTML 18Page - Analog Devices AD4022 Datasheet HTML 19Page - Analog Devices AD4022 Datasheet HTML 20Page - Analog Devices AD4022 Datasheet HTML 21Page - Analog Devices AD4022 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
AD4020/AD4021/AD4022
Data Sheet
Rev. B | Page 18 of 39
THEORY OF OPERATION
COMP
CONTROL
LOGIC
SWITCHES CONTROL
BUSY
OUTPUT CODE
CNV
C
C
2C
262,144C
4C
524,288C
LSB
SW+
MSB
LSB
SW–
MSB
C
C
2C
262,144C
4C
524,288C
IN+
REF
GND
IN–
Figure 38. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD4020/AD4021/AD4022 are high speed, low power,
single-supply, precise, 20-bit differential ADCs based on a SAR
architecture.
The AD4020 is capable of converting 1,800,000 samples per
second (1.8 MSPS), the AD4021 is capable of converting
1,000,000 samples per second (1 MSPS), and the AD4022 is
capable of converting 500,000 samples per second (500 kSPS).
The power consumption of the AD4020/AD4021/AD4022
scales with throughput because they power down in between
conversions. For example, when operating at 10 kSPS, they
typically consume 83 µW, making them ideal for battery-
powered applications. The AD4020/AD4021/AD4022 also have a
valid first conversion after being powered down for long periods,
which can further reduce power consumed in applications in
which the ADC does not need to be constantly converting.
The AD4020/AD4021/AD4022 provide the user with an on-chip
track-and-hold and do not exhibit any pipeline delay or latency,
making them ideal for multiplexed applications.
The AD4020/AD4021/AD4022 incorporate a multitude of
unique, easy to use features that result in a lower system power
and smaller footprint.
The AD4020/AD4021/AD4022 each have an internal voltage
clamp that protects the device from overvoltage damage on the
analog inputs.
The analog input incorporates circuitry that reduces the nonlinear
charge kickback seen from a typical switched capacitor SAR input.
This reduction in kickback, combined with a longer acquisition
phase, allows the use of lower bandwidth and lower power
amplifiers as drivers. This combination has the additional benefit of
allowing a larger resistor value in the input RC filter and a
corresponding smaller capacitor, which results in a smaller RC load
for the amplifier, improving stability and power dissipation.
High-Z mode can be enabled via the SPI interface by programming
a register bit (see Table 12). When high-Z mode is enabled, the
ADC input has a low input charging current at low input signal
frequencies as well as improved distortion over a wide frequency
range up to 100 kHz. For frequencies greater than 100 kHz and
multiplexing functionality, disable high-Z mode.
For single-supply applications, a span compression feature
creates additional headroom and footroom for the driving
amplifier to access the full range of the ADC.
The fast conversion time of the AD4020/AD4021/AD4022, along
with turbo mode, allows low clock rates to read back conversions
even when running at their respective maximum throughput
rates. Note that, for the AD4020, the full throughput rate of
1.8 MSPS can be achieved only with turbo mode enabled.
The AD4020/AD4021/AD4022 can interface with any 1.8 V to
5 V digital logic family. These devices are available in a 10-lead
MSOP or a tiny 10-lead LFCSP that allows space savings and
flexible configurations.
The AD4020/AD4021/AD4022 are pin for pin compatible with
some of the 14-/16-/18-/20-bit precision SAR ADCs listed in
Table 8.
Table 8. MSOP and LFCSP 14-/16-/18-/20-Bit Precision SAR
ADCs
Bits
100 kSPS
250 kSPS
400 kSPS to
500 kSPS
≥1000 kSPS
201
Not applicable
Not applicable
AD40222
AD40202
AD40212
181
AD7989-12
AD76912
AD7690,2
AD7989-5,2
AD40112
AD4003,2
AD4007,2
AD7982,2
AD79842
161
AD7684
AD7687
AD7688,2
AD76932
AD4001,2
AD4005,2
AD79152
163
AD7680,
AD7683,
AD7988-12
AD7685,2
AD76942
AD7686,2
AD7988-52
AD4000,2
AD4004,2
AD7980,2
AD79832
143
AD7940
AD79422
AD79462
Not applicable
1
True differential.
2
Pin for pin compatible.
3
Pseudo differential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com