Electronic Components Datasheet Search
  English  ▼

X  

AD4021 Datasheet(PDF) 26 Page - Analog Devices

Part # AD4021
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4021 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD4021 Datasheet HTML 22Page - Analog Devices AD4021 Datasheet HTML 23Page - Analog Devices AD4021 Datasheet HTML 24Page - Analog Devices AD4021 Datasheet HTML 25Page - Analog Devices AD4021 Datasheet HTML 26Page - Analog Devices AD4021 Datasheet HTML 27Page - Analog Devices AD4021 Datasheet HTML 28Page - Analog Devices AD4021 Datasheet HTML 29Page - Analog Devices AD4021 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
AD4020/AD4021/AD4022
Data Sheet
Rev. B | Page 26 of 39
Serial Clock Frequency Requirements
The AD4020/AD4021/AD4022 digital interface minimizes the
SCK frequency required for reading back conversion results, even
when operating at a high throughput. The minimum SCK frequen-
cy required for a given application depends on the number of bits
being read on SDO, whether turbo mode is enabled or disabled,
and the throughput in use. See Table 13 for several examples of
SCK frequency requirements for different throughputs.
The minimum SCK frequency (fSCK) required to access the
conversion result plus status bits when turbo mode is enabled is
calculated with the following equation:
DS
SCK
CYC
QUIET1
EN
QUIET2
NN
f
t
t
tt
+
>
−
−−
where:
ND is the ADC resolution (20 bits).
NS is the number of status bits being accessed.
tCYC, tQUIET1, tEN, and tQUIET2 correspond to timing specifications
described in Table 2.
The minimum SCK frequency required to access the conversion
result plus status bits when turbo mode is not enabled is
calculated with the following equation:
DS
SCK
CYC
CONV
EN
QUIET2
NN
f
t
t
tt
+
>
−
−−
where tCONV corresponds to the conversion time, and is
described in Table 2.
Table 12. Configuration Register
Bits
Bit Name
Description
Reset
Access1
[7:5]
Reserved
Reserved memory.
0x0
R
4
Status bits enable
Enables status bits (see the Status Bits section).
0x0
R/W
0: disables status bits.
1: enables status bits.
3
Span compression enable
Enables span compression (see the Input Span Compression section).
0x0
R/W
0: disables span compression.
1: enables span compression.
2
High-Z mode enable
Enables high-Z mode (see the High-Z Mode section).
0x0
R/W
0: disables high-Z mode.
1: enables high-Z mode.
1
Turbo mode enable
Enables turbo mode.
0x0
R/W
0: disables turbo mode.
1: enables turbo mode.
0
OV clamp flag
Indicates an overvoltage event triggered the input overvoltage clamp circuit (see
the Input Overvoltage Clamp Circuit section). This bit is sticky, and clears only
when read after the overvoltage event has ended.
0x1
R
0: indicates an overvoltage event has occurred.
1: indicates no overvoltage event has occurred.
1
R is read-only and R/W is read/write. Read only bits cannot be updated with a register write operation. R/W bits can be updated with a register write operation.
Table 13. SCK Frequency Requirements for Various Throughputs
CS Mode
Throughput
Minimum SCK Frequency (MHz)
3-Wire and 4-Wire Turbo Modes
1.8 MSPS (AD4020)
71
1 MSPS (AD4020, AD4021)
28
500 kSPS (AD4020, AD4021, AD4022)
12
100 kSPS (AD4020, AD4021, AD4022)
2.5
3-Wire and 4-Wire Turbo Modes with Six Status Bits
1.8 MSPS (AD4020)
92
1 MSPS (AD4020, AD4021)
36
500 kSPS (AD4020, AD4021, AD4020)
16
100 kSPS (AD4020, AD4021, AD4022)
3
3-Wire and 4-Wire Modes
1.6 MSPS (AD4020)
98
1 MSPS (AD4020, AD4021)
35
500 kSPS (AD4020, AD4021, AD4022)
13
100 kSPS (AD4020, AD4021, AD4022)
2.5
3-Wire and 4-Wire Modes with Status Word
1.4 MSPS (AD4020)
90
1 MSPS (AD4020, AD4021)
45
500 kSPS (AD4020, AD4021, AD4022)
17
100 kSPS (AD4020, AD4021, AD4022)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com