Electronic Components Datasheet Search
  English  ▼

X  

ADP7118 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP7118
Description  20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7118 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP7118 Datasheet HTML 3Page - Analog Devices ADP7118 Datasheet HTML 4Page - Analog Devices ADP7118 Datasheet HTML 5Page - Analog Devices ADP7118 Datasheet HTML 6Page - Analog Devices ADP7118 Datasheet HTML 7Page - Analog Devices ADP7118 Datasheet HTML 8Page - Analog Devices ADP7118 Datasheet HTML 9Page - Analog Devices ADP7118 Datasheet HTML 10Page - Analog Devices ADP7118 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADP7118
Rev. F | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = VOUT + 1 V or 2.7 V, whichever is greater, VOUT = 5 V, IOUT = 10 mA, CIN = COUT = 2.2 µF, TA = 25°C, unless otherwise noted.
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
Figure 6. Output Voltage (VOUT) vs. Junction Temperature
0.1
1
10
100
1000
ILOAD (mA)
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
Figure 7. Output Voltage (VOUT) vs. Load Current (ILOAD)
5
10
15
20
VIN (V)
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
Figure 8. Output Voltage (VOUT) vs. Input Voltage (VIN)
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
0
50
100
150
200
250
300
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
Figure 9. Ground Current vs. Junction Temperature
0.1
1
10
100
1000
ILOAD (mA)
0
20
40
60
80
100
120
140
160
180
200
Figure 10. Ground Current vs. Load Current (ILOAD)
5
10
15
20
VIN (V)
0
50
100
150
200
250
300
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
Figure 11. Ground Current vs. Input Voltage (VIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com