Electronic Components Datasheet Search
  English  ▼

X  

AD7798 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7798
Description  Low Power, 24-Bit/16-Bit Sigma-Delta ADC with In-Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7798 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7798 Datasheet HTML 9Page - Analog Devices AD7798 Datasheet HTML 10Page - Analog Devices AD7798 Datasheet HTML 11Page - Analog Devices AD7798 Datasheet HTML 12Page - Analog Devices AD7798 Datasheet HTML 13Page - Analog Devices AD7798 Datasheet HTML 14Page - Analog Devices AD7798 Datasheet HTML 15Page - Analog Devices AD7798 Datasheet HTML 16Page - Analog Devices AD7798 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
AD7798/AD7799
Data Sheet
Rev. B | Page 16 of 28
CONFIGURATION REGISTER
RS2, RS1, RS0 = 0, 1, 0; Power-On/Reset = 0x0710
The configuration register is a 16-bit register from which data can be read or to which data can be written. This register is used to
configure the ADC for unipolar or bipolar mode, to enable or disable the buffer, to enable or disable the burnout currents, to select the
gain, and to select the analog input channel. Table 15 outlines the bit designations for the filter register. CON0 through CON15 indicate
the bit locations, with CON denoting that the bits are in the configuration register. CON15 denotes the first bit of the data stream. The
number in parentheses indicates the power-on/reset default status of the bit.
CON15
CON14
CON13
CON12
CON11
CON10
CON9
CON8
0(0)
0(0)
BO(0)
U/B (0)
0(0)
G2(1)
G1(1)
G0(1)
CON7
CON6
CON5
CON4
CON3
CON2
CON1
CON0
0(0)
0(0)
REF_DET(0)
BUF(1)
0(0)
CH2(0)
CH1(0)
CH0(0)
Table 15. Configuration Register Bit Designations
Bit Location
Bit Name
Description
CON15 to CON14
0
These bits must be programmed with a Logic 0 for correct operation.
CON13
BO
Burnout Current Enable Bit. When this bit is set to 1 by the user, the 100 nA current sources in the signal path
are enabled. When BO = 0, the burnout currents are disabled. The burnout currents can be enabled only when
the buffer or in-amp is active.
CON12
U/B
Unipolar/Bipolar Bit. Set by the user to enable unipolar coding, that is, zero differential input results in
0x000000 output, and a full-scale differential input results in 0xFFFFFF output. Cleared by the user to enable
bipolar coding. Negative full-scale differential input results in an output code of 0x000000, zero differential
input results in an output code of 0x800000, and a positive full-scale differential input results in an output
code of 0xFFFFFF.
CON11
0
This bit must be programmed with a Logic 0 for correct operation.
CON10 to CON8
G2 to G0
Gain Select Bits. Written to by the user to select the ADC input range as follows:
G2
G1
G0
Gain
ADC Input Range (2.5 V Reference)
0
0
0
1 (in-amp not used)
2.5 V
0
0
1
2 (in-amp not used)
1.25 V
0
1
0
4
625 mV
0
1
1
8
312.5 mV
1
0
0
16
156.2 mV
1
0
1
32
78.125 mV
1
1
0
64
39.06 mV
1
1
1
128
19.53 mV
CON7 to CON6
0
These bits must be programmed with a Logic 0 for correct operation.
CON5
REF_DET
Enables the reference detect function. When REF_DET is set, the NOREF bit in the status register indicates
when the external reference being used by the ADC is open circuit or less than 0.5 V. When cleared, the
reference detect function is disabled.
CON4
BUF
Configures the ADC for buffered or unbuffered modes. If BUF is cleared, the ADC operates in unbuffered
mode, lowering the power consumption of the device. If BUF is set, the ADC operates in buffered mode,
allowing the user to place source impedances on the front end without contributing gain errors to the system.
The buffer can be disabled when the gain equals 1 or 2. For higher gains, the buffer is automatically enabled.
With the buffer disabled, the voltage on the analog input pins can range from 30 mV below GND to 30 mV
above AVDD. When the buffer is enabled, it requires some headroom; therefore, the voltage on any input pin
must be limited to 100 mV within the power supply rails.
CON3
0
This bit must be programmed with a Logic 0 for correct operation.
CON2 to CON0
CH2 to CH0
Channel Select Bits. Written to by the user to select the active analog input channel to the ADC as follows:
CH2
CH1
CH0
Channel
Calibration Pair
0
0
0
AIN1(+) – AIN1(–)
0
0
0
1
AIN2(+) – AIN2(–)
1
0
1
0
AIN3(+) – AIN3(–)
2
0
1
1
AIN1(–) – AIN1(–)
0
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
AVDD monitor
Automatically selects gain = 1/6 and internal
reference = 1.17 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com