Electronic Components Datasheet Search
  English  ▼

X  

AT330 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AT330
Description  Mini Survey Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT330 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AT330 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT330 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Antenna Specification
Frequency Range
GPS L1/L2
GLONASS L1/L2
BDS B1/B2/B3
Impedance
50ohm
Polarization
RHCP
Axial Ratio
≤3dB
Azimuth Coverage
360°
Output VSWR
≤2.0
Peak Gain
5.5dBi
Phase Center Error
±2mm
LNA Specification
LNA Gain
40±2dB
Noise Figure
≤2.0dB
Output VSWR
≤2.0
Operation Voltage
3.3~12VDC
Operation Current
≤45mA
Group Delay
≤5ns
Mechanical Specification
Dimension
φ 152*62.2mm
Connector
TNC Female
Weight
374g
Environment Specification
Storage Temp
-55℃~+85℃
Operating Temp
-45℃~+85℃
Humidity
95%
No-condensing
Technical Specifications
Bottom view
Top view
Side view
Dimension(mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com