Electronic Components Datasheet Search
  English  ▼

X  

LS-3 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # LS-3
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LS-3 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button LS-3 Datasheet HTML 12Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 13Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 14Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 15Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 16Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 17Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 18Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 19Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
31
ø30 Series Illuminated Pushbuttons ø30
LED
Round Extended Illuminated Pushbuttons
Package Quantity: 1
Shape
Lamp Recep-
tacle
Operation
Lamp
Contact
Part No.
Applicable Lamp
Round Extended
ALN2
AOLN2
ALNE2
AOLNE2
BA9S
Momentary
Without Lamp
1NO-1NC
ALN29911DN➁
See page 75 for
lamps.
2NO
ALN29920DN➁
2NC
ALN29902DN➁
LED
1NO-1NC
ALN2➂11DN➁
LSTD-*➁
2NO
ALN2➂20DN➁
2NC
ALN2➂02DN➁
Maintained
Without Lamp
1NO-1NC
AOLN29911DN➁
See page 75 for
lamps.
2NO
AOLN29920DN➁
2NC
AOLN29902DN➁
LED
1NO-1NC
AOLN2➂11DN➁
LSTD-*➁
2NO
AOLN2➂20DN➁
2NC
AOLN2➂02DN➁
E12
Momentary
Without Lamp
1NO-1NC
ALNE29911DN➁
See page 75 for
lamps.
2NO
ALNE29920DN➁
2NC
ALNE29902DN➁
LED
1NO-1NC
ALNE2➂11DN➁
LETD-*➁
2NO
ALNE2➂20DN➁
2NC
ALNE2➂02DN➁
Maintained
Without Lamp
1NO-1NC
AOLNE29911DN➁
See page 75 for
lamps.
2NO
AOLNE29920DN➁
2NC
AOLNE29902DN➁
LED
1NO-1NC
AOLNE2➂11DN➁
LETD-*➁
2NO
AOLNE2➂20DN➁
2NC
AOLNE2➂02DN➁
Color Code and Operating Voltage Code
➁ Lens/LED Color Code
➂ Operating Voltage Code
Input
Specify a lens/LED color code in place of ➁.
A:
amber
G:
green
PW: pure white (LSTD only)
R:
red
S:
blue
W:
white
Y:
yellow
A pure white LED lamp is used for yellow il-
lumination.
66: 6V AC/DC
11: 12V AC/DC
22: 24V AC/DC
Full voltage
16: 100/110V AC
126: 120V AC
26: 200/220V AC
246: 240V AC
386: 380V AC
46: 400/440V AC
Transformer
Dimensions
86 (4 blocks)
63 (2 blocks)
9
23.5
Panel Thickness 0.8 to 7.5
5.5
23
M3 Terminal
Screw
M3.5 Terminal
Screw
40
M3.5 Terminal
Screws
97.5 (2 blocks)
120.5 (4 blocks)
9
23
Panel Thickness 0.8 to 7.5
23.5
40
100.5 (4 blocks)
77.5 (2 blocks)
9
20
Panel Thickness 0.8 to 7.5
5.5
23
M3 Terminal
Screw
M3.5 Terminal
Screw
40
M3.5 Terminal
Screws
112 (2 blocks)
135 (4 blocks)
9
23
Panel Thickness 0.8 to 7.5
40
20
ALN2/AOLN2
BA9S/Full Voltage
ALN2/AOLN2
BA9S/Transformer
ALNE2/AOLNE2
E12/Full Voltage
ALNE2/AOLNE2
E12/Transformer
All dimensions in mm.
ø30
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com