Electronic Components Datasheet Search
  English  ▼

X  

LE-3 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # LE-3
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LE-3 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button LE-3 Datasheet HTML 28Page - List of Unclassifed Manufacturers LE-3 Datasheet HTML 29Page - List of Unclassifed Manufacturers LE-3 Datasheet HTML 30Page - List of Unclassifed Manufacturers LE-3 Datasheet HTML 31Page - List of Unclassifed Manufacturers LE-3 Datasheet HTML 32Page - List of Unclassifed Manufacturers LE-3 Datasheet HTML 33Page - List of Unclassifed Manufacturers LE-3 Datasheet HTML 34Page - List of Unclassifed Manufacturers LE-3 Datasheet HTML 35Page - List of Unclassifed Manufacturers LE-3 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
47
ø30 Series Selector Switches ø30
ASNK Key Selector Switches
45° 3-position
Package Quantity: 1
Shape
Contact Arrangement Chart
•Cylinder: Chrome-plated
•Round bezel (metal): Chrome-plated
•On the spring-returned types, the keys can be released
only from the maintained position. On the maintained types,
the key can be released from every position. Key retained
positions are also available. See page 21.
•Key selector switch is supplied with two standard keys.
Two different keys are available upon request.
•See page 48 for dimensions.
•Nameplates are ordered separately.
ASNK
1
2
3
4
Contact
Code
Contact Block
Operator Position
Maintained
Spring Return from Left
Maintained
Spring Return from Right
Mounting
Position
Contact
L
C
R
C
L
R
C
L
R
C
L
R
C
L
R
11
(1NO-1NC)
1
NO
●
*ASN1K11
*ASN2K11
2
NC
●
20
(2NO)
1
NO
●
ASN1K20-T
ASN2K20-T
2
NO
●
22
(2NO-2NC)
1
NO
●
*ASN1K22
*ASN2K22
2
NC
●
3
NO
●
4
NC
●
40
(2NO)
1
NO
●
ASN1K40-T
ASN2K40-T
2
NO
●
3
NO
●
4
NO
●
5S
(2NO-2NC)
1
NO
●
*ASN1K5S
*ASN2K5S
2
NC
●
3
NO
4
NC
1
NO
●
ASN1K5S-T
ASN2K5S-T
2
NO
●
3
NC
4
NC
7S
(2NC)
1
NO
*ASN1K7S
*ASN2K7S
2
NC
1
NC
ASN1K7S-T
ASN2K7S-T
2
NC
8S
(4NC)
1
NO
*ASN1K8S
*ASN2K8S
2
NC
3
NO
4
NC
1
NC
ASN1K8S-T
ASN2K8S-T
2
NC
3
NC
4
NC
11
(1NO-1NC)
1
NO
●
*ASN10K11
*ASN20K11
2
NC
●
20
(2NC)
1
NC
●
—
ASN20K02-T
2
NC
●
22
(2NO-2NC)
1
NO
●
*ASN10K22
*ASN20K22
2
NC
●
3
NO
●
4
NC
●
04
(4NC)
1
NC
●
—
ASN20K04-T
2
NC
●
3
NC
●
4
NC
●
5S
(2NO-2NC)
1
NO
●
*ASN10K5S
*ASN20K5S
2
NC
●
3
NO
4
NC
1
NO
●
—
ASN20K5S-T
2
NO
●
3
NC
4
NC
7S
(2NC)
1
NO
*ASN10K7S
*ASN20K7S
2
NC
1
NC
—
ASN20K7S-T
2
NC
8S
(4NC)
1
NO
*ASN10K8S
*ASN20K8S
2
NC
3
NO
4
NC
1
NC
—
ASN20K8S-T
2
NC
3
NC
4
NC
ASN-T are twin-rod units. Single rods are available for the same circuit (marked with *) but different contacts are used.
ø30
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com