Electronic Components Datasheet Search
  English  ▼

X  

LS-2 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # LS-2
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LS-2 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button LS-2 Datasheet HTML 43Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 44Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 45Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 46Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 47Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 48Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 49Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 50Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 51Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
77
ø30 Series Instructions ø30
Safety Precautions
•Turn off the power to the ø30 series switches & pilot lights
before starting installation, removal, wiring, maintenance,
and inspection of the products. Failure to turn power off
may cause electrical shocks or fire hazard.
•To avoid a burn on your hand, use the lamp holder tool
when replacing lamps.
•For wiring, use wires of a proper size to meet the volt-
age and current requirements. Tighten the M3.5 terminal
screws to a tightening torque of 1.0 to 1.3 N·m. Failure to
tighten terminal screws may cause overheat and fire.
Instructions
Panel Mounting for Square Pushbuttons
and Pilot Lights
1. Tighten the square ring to the operator and position the
ring correctly.
2. Lightly tighten the screw to secure the pilot light onto the
panel.
Tightening Torque for Terminal Screws
Tighten the terminal screws to a torque of 1.0 to 1.3 N·m.
Replacement of Lamps
Lamps can be replaced by using the lamp holder tool (OR-
55) from the front of the panel.
How to Remove
To remove, slip the lamp holder tool onto the lamp head
lightly. Then push slightly, and turn the lamp holder tool
counterclockwise.
How to Install
To install, insert the lamp head into the lamp holder tool.
Place the pins on the lamp base to the grooves in the
lamp socket. Inset the lamp and turn it clockwise.
Installing the Anti-rotation Ring
Panel Thickness and Rubber Washer
Adjust the thickness of the rubber washers according
to the panel thickness. Also, make sure to include the
nameplate thickness when using a nameplate.
Recommended tightening
torque: 0.15 N·m
OR-55
Rubber Washer
Panel
OGL11
Anti-rotation rings are used
on selector switches or
pushbuttons which rotate
and used when using no
nameplates.
Insert a 1.5mm thick rubber
washer between the panel
and the anti-rotation ring as
shown on the right.
Applicable Models
•ExtendedIlluminatedPushbuttons
withHalfShroud(LED)
•ExtendedPushbuttonswithHalf
Shroud(Diecast)
•ExtendedIlluminatedPushbuttons
withHalfShroud(Diecast)
Panel
Thickness (mm)
Rubber Washer
1.5mm 3.0mm
Supplied
1 piece 1 piece
0.8 to 1.8
–
1 piece
1.8 to 3.5
1 piece
–
Applicable Models
•ExtendedIlluminatedPushbuttons
withFullShroud(Incandescent)
•ExtendedIlluminatedPushbuttons
withFullShroud(LED)
•ExtendedIlluminatedPushbuttons
withFullShroud(Diecast)
•MushroomPushbuttonswithFull
Shroud
Panel Thickness
(mm)
Rubber Washer
1.5mm
3.0mm
Supplied
2 pieces 1 piece
0.8 to 2.0
1 piece 1 piece
2.0 to 3.5
1 piece 1 piece
3.5 to 5.0
–
1 piece
5.0 to 6.0 (6.5)
1 piece
–
The number in brackets is for mush-
room pushbuttons with full shroud.
Extended illuminated pushbuttons
with full shroud (incandescent) are
5.0 mm maximum.
Applicable Models
•ToggleLever
•KnobPushTurnLockIlluminated
Pushbuttons
Panel Thickness
(mm)
Rubber Washer
1.5mm 3.0mm
Supplied
1 piece 1 piece
0.8 to 2.0
1 piece 1 piece
2.0 to 3.5
–
1 piece
3.5 to 5.5 (5.0)
1 piece
–
The number in brackets is for knob
push turn lock illuminated pushbut-
tons.
Applicable Models
•ExtendedPushbuttonswithHalf
Shroud
•ExtendedIlluminatedPushbuttons
withHalfShroud(Incandescent)
Panel
Thickness
(mm)
Rubber Washer
1.5mm
3.0mm
Supplied
1 piece
1 piece
0.8
1 piece
1 piece
0.8 to 2.3
–
1 piece
2.3 to 4.0
1 piece
–
Applicable Models
•ExtendedPushbuttonswithFull
Shroud
Panel
Thickness
(mm)
Rubber Washer
1.5mm
3.0mm
Supplied
3 pieces
1 piece
0.8 to 1.5
3 pieces
1 piece
1.5 to 3.0
2 pieces
1 piece
3.0 to 4.5
1 piece
1 piece
4.5 to 6.0
–
1 piece
6.0 to 7.5
1 piece
–
Applicable Models
•ExtendedPushbuttonswithFull
Shroud(Diecast)
Panel
Thickness
(mm)
Rubber Washer
1.5mm
3.0mm
Supplied
2 pieces 1 piece
0.8 to 2.5
2 pieces 1 piece
2.5 to 4.0
1 pieces 1 piece
4.0 to 5.5
–
1 piece
5.5 to 6.0
1 piece
–
Applicable Models
•OtherModels(ExcludingSquare)
Panel
Thickness
(mm)
Rubber Washer
1.5mm
3.0mm
Supplied
2 pieces
1 piece
0.8 to 3.5
2 pieces
1 piece
3.5 to 5.0
1 piece
1 piece
5.0 to 6.5
–
1 piece
6.5 to 7.5
1 piece
–
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com