Electronic Components Datasheet Search
  English  ▼

X  

LE-2 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # LE-2
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LE-2 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button LE-2 Datasheet HTML 25Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 26Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 27Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 28Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 29Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 30Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 31Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 32Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
44
ø30 ø30 Series Selector Switches
ASNL Selector Switches (Lever Operator)
90° 2-position
Package Quantity: 1
Shape
Contact Arrangement Chart
ASNL
•Lever: Black
•Round bezel (metal): Chrome-plated
•Units marked with  and part numbers with
"-T" differ in shape.
See page 48 for dimensions.
•Nameplates are ordered separately.
1
3
2
4
Contact
Code
Contact Block
Operator Position
Maintained
Spring Return
from Right
Maintained
Spring Return
from Left
Mounting
Position
Contact
L
R
L
R
L
R
L
R
L
R
10
(1NO)
1
NO
●
ASN3L10
ASN4L10
2
Dummy
11
(1NO-1NC)
1
NO
●
ASN3L11
ASN4L11
2
NC
●
20
(2NO)
1
NO
●
ASN3L20
ASN4L20
2
NO
●
22
(2NO-2NC)
1
NO
●
ASN3L22
ASN4L22
2
NC
●
3
NO
●
4
NC
●
7S
(1NO-1NC)
1
NO
ASN3L7S (Note)
ASN4L7S (Note)
2
NC
10
(1NO)
1
NO
●
ASN30L10
ASN40L10
2
Dummy
11
(1NO-1NC)
1
NO
●
ASN30L11
ASN40L11
2
NC
●
20
(2NO)
1
NO
●
ASN30L20
ASN40L20
2
NO
●
22
(2NO-2NC)
1
NO
●
ASN30L22
ASN40L22
2
NC
●
3
NO
●
4
NC
●
7S
(1NO-1NC)
1
NO
ASN30L7S (Note)
ASN40L7S (Note)
2
NC
Note: The overlapping time is shorter for left to right than right to left. Take overlapping time into consideration.
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com