Electronic Components Datasheet Search
  English  ▼

X  

LTC7063 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC7063
Description  100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7063 Datasheet(HTML) 4 Page - Analog Devices

  LTC7063 Datasheet HTML 1Page - Analog Devices LTC7063 Datasheet HTML 2Page - Analog Devices LTC7063 Datasheet HTML 3Page - Analog Devices LTC7063 Datasheet HTML 4Page - Analog Devices LTC7063 Datasheet HTML 5Page - Analog Devices LTC7063 Datasheet HTML 6Page - Analog Devices LTC7063 Datasheet HTML 7Page - Analog Devices LTC7063 Datasheet HTML 8Page - Analog Devices LTC7063 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LTC7060
4
Rev. A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
temperature range, otherwise specifications are at TA = 25°C (Note 2). VCC = VBGVCC = VBST =10V, VBGRTN = VSW = 0V, unless
otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Low Side Gate Driver Output (BG)
VOH(BG)
BG High Output Voltage
IBG = –100mA, VOH(BG) = VBGVCC – VBG
150
mV
VOL(BG)
BG Low Output Voltage
IBG = 100mA, VOL(BG)=VBG – VBGRTN
80
mV
RUP(BG)
BG Pull-Up Resistance
VBGVCC-BGRTN =10V
1.5
Ω
RDOWN(BG)
BG Pull-Down Resistance
VBGVCC-BGRTN =10V
0.8
Ω
High Side Gate Driver Output (TG)
VOH(TG)
TG High Output Voltage
ITG = –100mA, VOH(TG) = VBST – VTG
150
mV
VOL(TG)
TG Low Output Voltage
ITG = 100mA, VOL(TG) = VTG – VSW
80
mV
RUP(TG)
TG Pull-Up Resistance
VBST-SW = 10V
1.5
Ω
RDOWN(TG)
TG Pull-Down Resistance
VBST-SW = 10V
0.8
Ω
Switching Time
tPHL(BG)
PWM High to BG Low Propagation Delay
17
ns
tPHL(TG)
PWM Low to TG Low Propagation Delay
17
ns
tr(BG)
BG Output Rise Time
CLOAD = 3.3nF (Note 5)
18
ns
tf(BG)
BG Output Fall Time
CLOAD = 3.3nF (Note 5)
13
ns
tr(TG)
TG Output Rise Time
CLOAD = 3.3nF (Note 5)
18
ns
tf(TG)
TG Output Fall Time
CLOAD = 3.3nF (Note 5)
13
ns
tPH(EN)
EN High to TG/BG High Propagation Delay
30
ns
tPL(EN)
EN Low to TG/BG Low Propagation Delay
36
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Ratings for extended periods may affect device reliability and
lifetime.
Note 2: The LTC7060E is guaranteed to meet performance specifications
from 0°C to 85°C junction temperature. Specifications over the −40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC7060I is guaranteed over the −40°C to 125°C operation junction
temperature range. The LTC7060J is guaranteed over the −40°C to 150°C
operation junction temperature range. The LTC7060H is guaranteed over
the −40°C to 150°C operation junction temperature range. High junction
temperature degrades operation lifetimes; operating lifetime is derated
for junction temperatures greater than 125°C. Note that the maximum
ambient temperature consistent with these specifications is determined by
specific operating conditions in conjunction with board layout, the rated
package thermal impedance and other environment factors.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula
TJ = TA + (PD • 51°C/W) for LFCSP package; TJ = TA + (PD • 40°C/W) for
MSOP package.
Note 4: The total current includes both the current from BGVCC/BST to
BGRTN/SW and the current to SGND. Dynamic supply current is higher
due to the gate charge being delivered at the switching frequency.
Note 5: Rise and fall times are measured using 10% and 90% levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com