Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC7813
Description  Six-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 7Page - Analog Devices LTC7813 Datasheet HTML 8Page - Analog Devices LTC7813 Datasheet HTML 9Page - Analog Devices LTC7813 Datasheet HTML 10Page - Analog Devices LTC7813 Datasheet HTML 11Page - Analog Devices LTC7813 Datasheet HTML 12Page - Analog Devices LTC7813 Datasheet HTML 13Page - Analog Devices LTC7813 Datasheet HTML 14Page - Analog Devices LTC7813 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
LTC7871
11
Rev. 0
For more information www.analog.com
SETCUR (Pin 11): This pin sets the maximum average
inductor current in buck or boost mode. This pin sources
16μA current and it is programmable by the SPI interface.
PWM1, PWM2, PWM3, PWM4, PWM5, PWM6 (Pins 29,
31, 32, 33, 34, and 36): (Top) Gate Signal Output. This
signal goes to the PWM or top gate input of the external
gate driver or integrated driver MOSFET. This is a three-
state compatible output.
PWMEN (Pin 28): Enable Pin for External Gate Drivers.
Open drain logic that is pulled to ground when the
LTC7871 shut downs the external gate drivers. When this
pin is low, all the PWM pin outputs are high impedance.
CSB, SDO, SDI, SCLK (Pins 37, 38, 39 and 40): 4-Wire
Serial Peripheral Interface (SPI). Active low chip select
(CSB), serial clock (SCLK) and serial data in (SDI) are
digital Inputs. Serial data out (SDO) is an open-drain
NMOS output pin. SDO requires an external pull-up resis-
tor. Refer to the Serial Port section for more details.
NC (Pins 2, 8, 12, 26, 41, 43, 47, and 55): No Connect Pins.
SGND (Pins 5, 16, 45 and Exposed Pad): Ground. Must
be soldered to PCB ground for rated thermal performance.
Connect this pin closely to negative terminal of VHIGH,
DRVCC, V5 bypass capacitors. All small signal components
and compensation components should connect here.
UVHIGH (Pin 14): VHIGH Undervoltage Threshold Set Pin.
A resistor divider from VHIGH is needed to set this thresh-
old. When the voltage on this pin falls below the 1.2V
trip point, a 5μA current is sunk in to the pin to provide
externally adjustable hysteresis.
OVHIGH (Pin 13): VHIGH Overvoltage Threshold Set Pin. A
resistor divider from VHIGH is needed to set this thresh-
old. When the voltage on this pin rises past the 1.2V trip
point, a 5μA current is sourced out of the pin to provide
externally adjustable hysteresis.
OVLOW (Pin 15): VLOW Overvoltage Threshold Set Pin. A
resistor divider from VLOW is needed to set this thresh-
old. When the voltage on this pin rises past the 1.2V trip
point, a 5μA current is sourced out of the pin to provide
externally adjustable hysteresis.
BUCK (Pin 54): The voltage on this pin determines if the
IC is regulating the VLOW or VHIGH voltage/current. Float
or tie this pin to V5 for buck mode operation. Ground this
pin for boost mode operation.
IMON (Pin 10): Current Monitor Pin. The voltage on this
pin is directly proportional to the average inductor cur-
rents of all 6 channels. 1.25V on this pin indicates zero
average inductor current per phase.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com