Electronic Components Datasheet Search
  English  ▼

X  

LTM8083EY Datasheet(PDF) 18 Page - Analog Devices

Part # LTM8083EY
Description  36V, 1.5A Buck-Boost 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8083EY Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM8083EY Datasheet HTML 14Page - Analog Devices LTM8083EY Datasheet HTML 15Page - Analog Devices LTM8083EY Datasheet HTML 16Page - Analog Devices LTM8083EY Datasheet HTML 17Page - Analog Devices LTM8083EY Datasheet HTML 18Page - Analog Devices LTM8083EY Datasheet HTML 19Page - Analog Devices LTM8083EY Datasheet HTML 20Page - Analog Devices LTM8083EY Datasheet HTML 21Page - Analog Devices LTM8083EY Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTM8083
18
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 5. 36V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
θJA (°C/W)
Figures 19 and 20
12, 36
Figure 13
0
None
23
Figures 19 and 20
12, 36
Figure 13
200
None
18
Figures 19 and 20
12, 36
Figure 13
400
None
16
The 3.3V, 5V, 8V, 12V, 18V, 24V and 36V power loss
curves in Figure 7 to Figure 13 can be used in coordina-
tion with the load current derating curves in Figure 14 to
Figure 20 for calculating an approximate θJA thermal resis-
tance for the LTM8083 with various airflow conditions.
The power loss curves are taken at room temperature, and
are increased with a multiplicative factor according to the
ambient temperature. This approximate factor is: 1.2 for
120°C at junction temperature. Maximum load current is
achievable while increasing ambient temperature as long
as the junction temperature is less than 120°C, which is
a 5°C guard band from maximum junction temperature
of 125°C. When the ambient temperature reaches a point
where the junction temperature is 120°C, then the load
current is lowered to maintain the junction at 120°C while
increasing ambient temperature up to 120°C. The derating
curves are plotted with the output current starting at 1.5A
and the ambient temperature at 30°C. The output voltages
are 5V, 12V, and 36V. These are chosen to include the
lower and higher output voltage ranges for correlating
the thermal resistance. Thermal models are derived from
several temperature measurements in a controlled tem-
perature chamber along with thermal modeling analysis.
The junction temperatures are monitored while ambient
temperature is increased with and without airflow. The
power loss increase with ambient temperature change
is factored into the derating curves. The junctions are
maintained at 120°C maximum while lowering output cur-
rent or power with increasing ambient temperature. The
decreased output current will decrease the internal mod-
ule loss as ambient temperature is increased. The mon-
itored junction temperature of 120°C minus the ambient
operating temperature specifies how much module tem-
perature rise can be allowed. As an example, in Figure 18
the load current is derated to 0.6A at ~100°C with no air
flow or heat sink and the power loss for the 36V to 12V
at 0.6A output is about 0.84W. The 0.84W loss is calcu-
lated with the 0.7W room temperature loss from the 36V
to 12V power loss curve at 0.6A, and the 1.2 multiply-
ing factor at 120°C junction temperature. If the 100°C
ambient temperature is subtracted from the 120°C junc-
tion temperature, then the difference of 20°C divided by
0.84W equals a 23.8°C/W θJA thermal resistance. Table 4
specifies a 23°C/W value which is very close. Table 3,
Table 4, Table 5, provide equivalent thermal resistances
for 5V, 12V, and 36V outputs with and without airflow and
heat sinking. The derived thermal resistances in Table 3,
Table 4 and Table 5, for the various conditions can be
multiplied by the calculated power loss as a function of
ambient temperature to derive temperature rise above
ambient, thus maximum junction temperature. Room
temperature power loss can be derived from the efficiency
curves in the Typical Performance Characteristics section
and adjusted with the above ambient temperature mul-
tiplicative factors. The printed circuit board is a 1.6mm
thick 4-layer board with two ounce copper for the two
outer layers and one ounce copper for the two inner lay-
ers. The PCB dimensions are 64mm × 64mm. A Typical
thermal image based on this PCB is shown in Figure 21.
Figure 21. Thermal Image of LTM8083 Running from
24V Input and 36V Output with 1A Load at 25°C Ambient
without Airflow or Heat Sink
8083 F21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com