Electronic Components Datasheet Search
  English  ▼

X  

LTC7871 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC7871
Description  100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7871 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC7871 Datasheet HTML 7Page - Analog Devices LTC7871 Datasheet HTML 8Page - Analog Devices LTC7871 Datasheet HTML 9Page - Analog Devices LTC7871 Datasheet HTML 10Page - Analog Devices LTC7871 Datasheet HTML 11Page - Analog Devices LTC7871 Datasheet HTML 12Page - Analog Devices LTC7871 Datasheet HTML 13Page - Analog Devices LTC7871 Datasheet HTML 14Page - Analog Devices LTC7871 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LTC7060
11
Rev. A
For more information www.analog.com
BOOTSTRAPPED SUPPLY (BGVCC-BGRTN, BST-SW)
Either or both of the BGVCC-BGRTN and BST-SW sup-
plies can be bootstrapped supplies. An external boost
capacitor, CB, connected between BGVCC and BGRTN, or
between BST and SW, supplies the gate driver voltage for
its respective MOSFET driver. When the external MOSFET
is turned on, the driver places the CB voltage across the
gate-source of the MOSFET. This enhances the MOSFET
and turns it on.
The charge to turn on the external MOSFET is referred to
gate charge, QG, and is typically specified in the external
MOSFET data sheet. The boost capacitor, CB, needs to
have at least 10 times the gate capacitance to turn on the
external MOSFET fully. Gate charge can range from 5nC
to hundreds of nC and is influenced by the gate drive level
and type of external MOSFET used. For most applica-
tions, a capacitor value of 0.1uF for CB will be sufficient.
However, if multiple MOSFETs are paralleled and driven
by the LTC7060, CB capacitance needs to be increased
correspondingly.
An external supply, typically VCC connected through a
Schottky diode, is required to keep the CB charged. The
LTC7060 does not charge the CB and always discharges
the CB. When the BG/TG is high, the total current from
BGVCC/BST to BGRTN/SW and SGND is typically 100µA;
when the BG/TG is low, the total current from BGVCC/BST
is typically 8µA.
POWER DISSIPATION
To ensure proper operation and long-term reliability, the
LTC7060 must not operate beyond its maximum tem-
perature rating. Package junction temperature can be
calculated by:
TJ = TA + (PD)(θJA)
where:
TJ = junction temperature
TA = ambient temperature
PD = power dissipation
θJA = junction-to-ambient thermal resistance
APPLICATIONS INFORMATION
Power dissipation consists of standby, switching and
capacitive load power losses:
PD = PDC + PAC + PQG
where:
PDC = quiescent power loss
PAC = internal switching loss at input frequency fIN
PQG = loss due to turning on and off external MOSEFT
with gate charge QG at frequency fIN
The LTC7060 consumes very little quiescent current. The
DC power loss at VCC = 10V is only (10V)(0.4mA) = 4mW.
At a particular switching frequency, the internal power
loss increases due to both AC currents required to charge
and discharge internal nodal capacitances and cross-con-
duction currents in the internal logic gates. The sum of the
quiescent current and internal switching current with no
load are shown in the Typical Performance Characteristics
plot of Switching Supply Current vs Input Frequency.
The gate charge losses are primarily due to the large AC
currents required to charge and discharge the capacitance
of the external MOSFETs during switching. For identical
pure capacitive loads CLOAD on BG and TG at switching
frequency fIN, the load losses would be:
PCLOAD = (CLOAD)(fIN)[(VBST-SW)2 + (VBGVCC-BGRTN)2]
In a typical synchronous buck configuration, the VCC is
connected to the power for the bottom MOSFET driver,
BGVCC. VBST-SW is equal to VCC -VD, where VD is the for-
ward voltage drop of the external Schottky diode between
VCC and BST. If this drop is small relative to VCC, the load
losses can be approximated as:
PCLOAD ≈ 2(CLOAD)(fIN)(VCC)2
Unlike a pure capacitive load, a power MOSFET’s gate
capacitance seen by the driver output varies with its VGS
voltage level during switching. A MOSFET’s capacitive
load power dissipation can be calculated using its gate
charge, QG. The QG value corresponding to the MOSFET’s
VGS value (VCC in this case) can be readily obtained
from the manufacturer’s QG vs VGS curves. For identical
MOSFETs on BG and TG:
PQG ≈ 2(QG)(fIN)(VCC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com