Electronic Components Datasheet Search
  English  ▼

X  

XMCA1 Datasheet(PDF) 15 Page - Microchip Technology

Part # XMCA1
Description  1200V XM3 Core Adapter Board
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

XMCA1 Datasheet(HTML) 15 Page - Microchip Technology

Back Button XMCA1 Datasheet HTML 7Page - Microchip Technology XMCA1 Datasheet HTML 8Page - Microchip Technology XMCA1 Datasheet HTML 9Page - Microchip Technology XMCA1 Datasheet HTML 10Page - Microchip Technology XMCA1 Datasheet HTML 11Page - Microchip Technology XMCA1 Datasheet HTML 12Page - Microchip Technology XMCA1 Datasheet HTML 13Page - Microchip Technology XMCA1 Datasheet HTML 14Page - Microchip Technology XMCA1 Datasheet HTML 15Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
XMCA1 – XM3 SiC Driver Core Adapter
Xmca1 - Xm3 Core Adapter Board 1 Spec Sheet V1
© 2021 AgileSwitch, LLC
Page 15 of 15
Legal Disclaimer
Information contained in this publication regarding device applications and the like is provided only for your convenience and may be
superseded by updates. It is your responsibility to ensure that your application meets with your specifications. MICROCHIP MAKES NO
REPRESENTATIONS OR WARRANTIES OF ANY KIND WHETHER EXPRESS OR IMPLIED, WRITTEN OR ORAL,
STATUTORY OR OTHERWISE, RELATED TO THE INFORMATION, INCLUDING BUT NOT LIMITED TO ITS CONDITION,
QUALITY, PERFORMANCE, MERCHANTABILITY OR FITNESS FOR PURPOSE.
Microchip disclaims all liability arising from this information and its use. Use of Microchip devices in life support and/or safety applications
is entirely at the buyer’s risk, and the buyer agrees to defend, indemnify and hold harmless Microchip from any and all damages, claims,
suits, or expenses resulting from such use. No licenses are conveyed, implicitly or otherwise, under any Microchip intellectu al property
rights unless otherwise stated.
All Microchip products are sold pursuant to Microchip’s terms and conditions of sale.
The Microchip name and logo, the Microchip logo, and AgileSwitch are registered trademarks of Microchip Technology Incorporated in
the U.S.A. and other countries.
© 2020 Microchip Technology Incorporated. All Rights Reserved www.microchip.com. Any other names are the property of their
respective owners.
Information in this document supersedes and replaces all information previously supplied.
Specifications are subject to change without notice.
Patent Notices
Offering
Issued U.S. Patent Numbers
AgileStackTM
Power
stack
control systems
8,984,197
Gate drive control system for
SiC and IGBT power devices
9,490,798
Additional Patents Pending
Address
Microchip Technology Inc
2355 West Chandler Blvd.
Chandler, Arizona, USA 85224-6199
(480) 792-7200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com