Electronic Components Datasheet Search
  English  ▼

X  

MI60 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # MI60
Description  Unleash discovery on the world`s fastest double precision pcie accelerator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

MI60 Datasheet(HTML) 1 Page - Advanced Micro Devices

  MI60 Datasheet HTML 1Page - Advanced Micro Devices MI60 Datasheet HTML 2Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AMDRADEONINSTINCT™MI60
UNLEASHDISCOVERYONTHEWORLD'SFASTESTDOUBLE
PRECISIONPCIe®ACCELERATOR1
TheAMDRadeonInstinct™MI60acceleratorbasedontheworld's�rst7nmGPU,isequippedwithoptimizeddeeplearning
operationstodrivethelatestwork�owsinAIanddeeplearning.Combinedwithultra-fast32GBHBM2memorywithupto1
TB/s memory bandwidth, the MI60 brings customers supercharged compute capabilities to meet today’s demanding
systemrequirementsofhandlinglargedatae�cientlyfortrainingthesecomplexneuralnetworksusedindeeplearning.
For High Performance Compute (HPC) workloads, the AMD Radeon Instinct™ MI60 accelerator delivers up to 7.4 TFLOPS
of FP64 performance - the world's fastest double precision PCIe® accelerator1, allowing scientists and researches across
theglobetomoree�cientlyprocessHPCparallelcodesacrossseveralindustriesincludinglifesciences,energy, automotive
and aerospace, academics, government and more. AMD’s next-generation HPC solutions are designed to deliver optimal
compute density and performance per node. Coupled with the ROCm Open eCosystem, the MI60 brings a scalable
HPC-classsolutionthatgivesscientistsandresearcherssystemcontroldowntothemetal.
PERFORMANCE
ComputeUnits
StreamProcessors
PeakINT8
PeakFP16
PeakFP32
PeakFP64
BusInterface
64
4,096
Upto59.0TOPS
Upto29.5TFLOPS
Upto14.7TFLOPS
Upto7.4TFLOPS
PCIe®Gen3andGen4Capable2
MEMORY
32
GBHBM2
4,096-Bits
1GHz
Upto1TB/s
MemorySize
MemoryInterface
MemoryClock
MemoryBandwidth
SCALABILITY
2
Yes⁵
Linux®64-bit
Yes
In�nityFabric™Links
MxGPU technology
OSSupport
ROCmCompatible
Yes3
Yes4
RELIABILITY
ECC(Full-chip)
RASSupport
Full-Height,DualSlot
10.5"Long
PassivelyCooled
300WTDP
ThreeYearLimited⁶
BOARDDESIGN
BoardFormFactor
Length
Thermal
MaxPower
Warranty


Similar Part No. - MI60

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MI600ERU MPD-MI600ERU Datasheet
312Kb / 2P
MI600ERU SERIES
MI600ERW MPD-MI600ERW Datasheet
845Kb / 4P
MI600ERW SERIES
logo
List of Unclassifed Man...
MI6030 ETC2-MI6030 Datasheet
131Kb / 2P
Thermoelectric Cooler
MI6030-01 ETC2-MI6030-01 Datasheet
131Kb / 2P
Thermoelectric Cooler
MI6030-02 ETC2-MI6030-02 Datasheet
131Kb / 2P
Thermoelectric Cooler
More results

Similar Description - MI60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC4490 ETC2-AC4490 Datasheet
189Kb / 2P
The fastest way to wireless
logo
Axiomtek Co., Ltd.
NA-710 AXIOMTEK-NA-710 Datasheet
129Kb / 1P
Supports Cavium CN1005 accelerator on board
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
List of Unclassifed Man...
AC4868-250M ETC2-AC4868-250M Datasheet
190Kb / 2P
THE FASTEST WAY TO WIRELESS
logo
STMicroelectronics
AN3260 STMICROELECTRONICS-AN3260 Datasheet
324Kb / 24P
Building a thermometer using the STM8S-DISCOVERY
17-Dec-2010
AN3270 STMICROELECTRONICS-AN3270 Datasheet
289Kb / 23P
Using the STM8L16x AES hardware accelerator
01-Jul-2011
UM1662 STMICROELECTRONICS-UM1662 Datasheet
605Kb / 11P
Getting started with the STM32F429 Discovery kit
09-Sep-2013
logo
TOKYO SEIMITSU CO., LTD
RONDCOM-65A ACCRETECH-RONDCOM-65A Datasheet
434Kb / 2P
On Track to Become No. 1 in the World
logo
Maxim Integrated Produc...
MAX20326 MAXIM-MAX20326 Datasheet
416Kb / 8P
Dual Precision Bus Accelerator
19-100208; Rev 0; 12/17
logo
Lanner All Rights Reser...
LEC-2290H LANNER-LEC-2290H Datasheet
425Kb / 2P
Intelligent Edge Appliance With Falcon-H8 PCIe AI Accelerator Card
V.1-2022.08.23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com