Electronic Components Datasheet Search
  English  ▼

X  

CS500 Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # CS500
Description  Flexible Computing Performance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS500 Datasheet(HTML) 3 Page - Advanced Micro Devices

  CS500 Datasheet HTML 1Page - Advanced Micro Devices CS500 Datasheet HTML 2Page - Advanced Micro Devices CS500 Datasheet HTML 3Page - Advanced Micro Devices CS500 Datasheet HTML 4Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Scalable Configurations
The CS500 cluster supercomputer can be customized for multi-
ple uses — from an all-purpose, massively parallel HPC system
to a cluster optimized for hybrid compute- and data-intensive
workloads.
Each system has compute nodes, which run parallel MPI and
OpenMP tasks with maximum efficiency, and management nodes,
which provide I/O connectivity, function as login nodes, and
can be configured for unique workloads requiring large memory
configurations.
Cray rackmount servers are highly configurable in an HPC-
optimized, industry-standard package. Each configuration can be
replicated to create a reliable and powerful large-scale system.
Comprehensive HPC & Deep Learning
Environment
Our complete software environment lets you develop and optimize
applications and efficiently monitor system resources.
The CS500 system’s customizable software stack is compatible
with most open-source and commercial applications. It includes
key Cray-authored components, popular open-source software,
and industry-leading applications from Cray partners.
The software stack includes:
•
Red Hat® Enterprise Linux® or CentOS
•
The Cray Programming Environment, a complete, fully
integrated suite of HPC-optimized compilers, libraries and
tools for programming, debugging, performance analysis,
workload management, environment setup and more
•
Your choice of Bright Cluster Manager for HPC or Cray’s
Advanced Cluster Engine (ACE) for system management
•
Bright for Deep Learning, a comprehensive deep learning
environment that includes a choice of machine learning
frameworks including Caffe, Torch, Tensorflow, and Theano;
and machine learning libraries including MLPython, NVIDIA
CUDA Deep Neural Network library (cuDNN), Deep
Learning GPU Training System (DIGITS), and CaffeOnSpark
AMD EPYC™ Balanced Architecture for Optimum Performance
With up to 64 cores, 4 TB of memory, and 128 lanes of PCIe® connectivity, 2-socket servers built with
the AMD EPYC SoC have the flexibility, performance and security to efficiently support the most
demanding workloads.



Html Pages

1 2 3 4