Electronic Components Datasheet Search
  English  ▼

X  

CTD6S Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # CTD6S
Description  Accessories AC Split-Core Current Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CTD6S Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  CTD6S Datasheet HTML 1Page - Carlo Gavazzi Holding AG CTD6S Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice
CTD-6S DS ENG 140116
Range Table
CTD-6S
Model CTD-6S from 150A to 500A
Primary
Current
Burden (VA)
A
CL 1
CL 3
150 (@60°C/140°F)
-
1.5
200 (@60°C/140°F)
1.5
2
250 (@60°C/140°F)
1.5
3.75
300 (@60°C/140°F)
1.5
5
400 (@60°C/140°F)
2.5
5
500 (@60°C/140°F)
5
10
Dimensions (mm)
Benefits
Wiring Diagram
S1 S2
L
N P1 P2
Model CTD-6S from 600A to 1000A
Primary
Current
Burden (VA)
A
CL 1
CL 3
600 (@60°C/140°F)
7.5
15
700 (@60°C/140°F)
7.5
15
750 (@50°C/122°F)
7.5
15
800 (@50°C/122°F)
10
15
1000 (@50°C/122°F)
10
15
1
2
5
6
7
8
3
4
• Easy way to open and close the CT core by
the dedicate seleable screws (see figure 1).
• Bridging
of
current
transformer
output
without changing the connection of the
secondary,
so
to
avoid
any
output
overvoltage during either the maintenance or
the installation procedure (see figure 2).
• Easy output and earth connection (see fig. 3).
• Multiple screws provided with isolation cap
screws to grant a strong and reliable fixing of the
current transformer to the bus-bar (see figure 4).
• Screw terminals compatible with any kind of
wire terminals and protection of screw
terminals using specific sealable covers to
assure always the best safety (see figure 5-
6-7-8).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com