Electronic Components Datasheet Search
  English  ▼

X  

CTD4X Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # CTD4X
Description  Accessories AC Current Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CTD4X Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  CTD4X Datasheet HTML 1Page - Carlo Gavazzi Holding AG CTD4X Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice
CTD-4X DS ENG 230518
Range Table
CTD-4X
Model CTD-4X from 150A to 700A
Primary
Current
Temperature
Extended
current rating
Burden (VA)
A
CL 0.5
CL 1
CL 3
150
(@60°C/140°F)
120%
2.5
(5)
200
(@60°C/140°F)
120%
3.25
(6)
250
(@60°C/140°F)
120%
2.5
4.5
2
300
(@60°C/140°F)
120%
3
4
3
400
(@60°C/140°F)
120%
6
9
3
500
(@60°C/140°F)
120%
10
12.5
4
600
(@60°C/140°F)
120%
11
13.5
4
700
(@60°C/140°F)
120%
12.5
15
5
Model CTD-4X from 750A to 1600A
Primary
Current
Temperature
Extended
current rating
Burden (VA)
A
CL
0.5
CL
1
CL
5P5
750
(@50°C/122°F)
120%
13
15.5
5
800
(@50°C/122°F)
120%
14
16.5
5
1000
(@50°C/122°F)
120%
17.5
20
6
1200
(@50°C/122°F)
100%
(+) 20 22.5 6
1250
(@50°C/122°F)
100%
(+) 20 22.5 6
1500
(@50°C/122°F)
100%
(*) 27.5 30 8
1600
(@50°C/122°F)
100%
(*) 27.5 30 8
Dimensions (mm)
Benefits
81,2
42
63
30
31
51
64
90
45
φ
51
1
2
3
6
7
8
9
4
5
Wiring Diagram
• Easy and quick mounting on a panel (see
figure 1).
• Protection of screw terminals using specific
sealable covers to assure always the best
safety (see figure 3).
• Bridging
of
current
transformer
output
without changing the connection of the
secondary,
so
to
avoid
any
output
overvoltage during either the maintenance or
the installation procedure (see figure 4).
• Easy output and earth connection (see fig. 5).
• Screw terminals compatible with any kind of
wire terminals (see figure 6-7-8-9).
• Multiple screws provided with isolation cap
screws to grant a strong and reliable fixing of the
current transformer to the bus-bar (see figure 10).
S1 S2
L
N P1 P2
(*) A max overload of 120% for 1 min. every 30 min. is allowed.
(+) A continuous overload of 120% of the range is allowed @ amb.
temp. 40°C max.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com