Electronic Components Datasheet Search
  English  ▼

X  

CTD3X Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # CTD3X
Description  Accessories AC Current Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CTD3X Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  CTD3X Datasheet HTML 1Page - Carlo Gavazzi Holding AG CTD3X Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice CTD-3X DS ENG 140116
Range Table
CTD-3X
Model CTD-3X from 50A to 200A
Primary Current
Burden (VA)
A
CL 0.5
CL 1
CL 3
50 (@60°C/140°F)
1.75
60 (@60°C/140°F)
2
70 (@60°C/140°F)
2.5
75 (@60°C/140°F)
3
80 (@60°C/140°F)
3
100 (@60°C/140°F)
2
3.5
120 (@60°C/140°F)
2.25
4
125 (@60°C/140°F)
2.5
4.5
150 (@60°C/140°F)
2.25
3
6
160 (@60°C/140°F)
2.5
3.5
6.5
200 (@60°C/140°F)
3
4.5
8.5
Model CTD-3X from 250A to 800A
Primary Current
Burden (VA)
A
CL 0.5
CL 1
CL 3
250 (@60°C/140°F)
3.5
6.5
10.5
300 (@60°C/140°F)
7
10
13
400 (@60°C/140°F)
9
14
17
500 (@50°C/122°F)
14
18
21
600 (@50°C/122°F)
17
21
24
700 (@40°C/104°F)
22
26
29
750 (@40°C/104°F)
24
28
31
800 (@40°C/104°F)
25
29
32
Dimensions (mm)
Wiring Diagram
Benefits
42
63
30
81,2
77
φ41
20,5
32,5
40,5
51
38,5
1
2
3
4
6
7
8
9
• Easy and quick mounting either on a panel or
on a DIN-rail (see figure 1-2).
• Protection of screw terminals using specific
sealable covers to assure always the best
safety (see figure 3).
• Bridging of current transformer output without
changing the connection of the secondary, so
to avoid any output overvoltage during either
the maintenance or the installation procedure
(see figure 4).
• Easy output and earth connection (see fig. 5).
• Screw terminals compatible with any kind of
wire terminals (see figure 6-7-8-9).
• Multiple screws provided with isolation cap
screws to grant a strong and reliable fixing of the
current transformer to the bus-bar (see figure
10).
5
10
S1
S2
L
N
P1
P2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com