Electronic Components Datasheet Search
  English  ▼

X  

CTA Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # CTA
Description  Split core current transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CTA Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  CTA Datasheet HTML 1Page - Carlo Gavazzi Holding AG CTA Datasheet HTML 2Page - Carlo Gavazzi Holding AG CTA Datasheet HTML 3Page - Carlo Gavazzi Holding AG CTA Datasheet HTML 4Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Carlo Gavazzi Controls S.p.A.
CTA
CTA DS ENG
08/02/2021
Features
General
Material
PA66
Protection degree
IP20
Secondary output
UL R/C cable, 16AWG (1,3mm2)
Length: see Electrical specifications
Mounting
Cable
Weight (g)
CTA 5X: 165
CTA 6X: 275
Cable diameter
CTA 5X: 24 mm
CTA 6X: 36 mm
*
*
Fig. 1 CTA 5X
Fig. 2 CTA6X
Note: see Electrical specifications
Environmental specifications
Operating temperature
-20° to +65°C (-4 to 149 F°)
CTA6X 600A: -20° to +50°C (-4 to 122 F°)
Storage temperature
-25° to +80°C (-13 to 176 F°)
UL note: insulation class: A (105), 55 °C rise type at 30°C ambient
Conformity
Approvals
Standards
EN 61869-2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com