Electronic Components Datasheet Search
  English  ▼

X  

2SD1271 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD1271
Description  Silicon PNP epitaxial planar type(For power switching)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1271 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD1271 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1271 Datasheet HTML 2Page - Panasonic Semiconductor 2SD1271 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SB946
Silicon PNP epitaxial planar type
For power switching
Complementary to 2SD1271
s Features
q
Low collector to emitter saturation voltage VCE(sat)
q
Satisfactory linearity of foward current transfer ratio hFE
q
Large collector current IC
q
0Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–130
–80
–7
–15
–7
40
2
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to emitter voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
IEBO
VCEO
hFE1
hFE2
*
VCE(sat)
VBE(sat)
fT
ton
tstg
tf
Conditions
VCB = –100V, IE = 0
VEB = –5V, IC = 0
IC = –10mA, IB = 0
VCE = –2V, IC = – 0.1A
VCE = –2V, IC = –3A
IC = –5A, IB = – 0.25A
IC = –5A, IB = – 0.25A
VCE = –10V, IC = – 0.5A, f = 10MHz
IC = –3A, IB1 = – 0.3A, IB2 = 0.3A
min
–80
45
90
typ
30
0.5
1.5
0.1
max
–10
–50
260
– 0.5
–1.5
Unit
µA
µA
V
V
V
MHz
µs
µs
µs
*h
FE2 Rank classification
TC=25°C
Ta=25
°C
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1
Note: Ordering can be made by the common rank (PQ rank hFE2 = 90 to 260) in the rank classification.
Rank
Q
P
hFE2
90 to 180
130 to 260


Similar Part No. - 2SD1271

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1271 PANASONIC-2SD1271 Datasheet
59Kb / 3P
Silicon NPN epitaxial planar type(For power switching)
logo
Savantic, Inc.
2SD1271 SAVANTIC-2SD1271 Datasheet
150Kb / 5P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1271 ISC-2SD1271 Datasheet
173Kb / 5P
Silicon NPN Power Transistors
logo
Panasonic Semiconductor
2SD1271A PANASONIC-2SD1271A Datasheet
59Kb / 3P
Silicon NPN epitaxial planar type(For power switching)
logo
Savantic, Inc.
2SD1271A SAVANTIC-2SD1271A Datasheet
150Kb / 5P
Silicon NPN Power Transistors
More results

Similar Description - 2SD1271

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1154 PANASONIC-2SB1154 Datasheet
61Kb / 3P
Silicon PNP epitaxial planar type(For power switching)
2SB1155 PANASONIC-2SB1155 Datasheet
61Kb / 3P
Silicon PNP epitaxial planar type(For power switching)
2SB1156 PANASONIC-2SB1156 Datasheet
61Kb / 3P
Silicon PNP epitaxial planar type(For power switching)
2SB1606 PANASONIC-2SB1606 Datasheet
55Kb / 3P
Silicon PNP epitaxial planar type(For power switching)
2SB1607 PANASONIC-2SB1607 Datasheet
55Kb / 3P
Silicon PNP epitaxial planar type(For power switching)
2SB931 PANASONIC-2SB931 Datasheet
57Kb / 3P
Silicon PNP epitaxial planar type(For power switching)
2SB932 PANASONIC-2SB932 Datasheet
58Kb / 3P
Silicon PNP epitaxial planar type(For power switching)
2SB943 PANASONIC-2SB943 Datasheet
55Kb / 3P
Silicon PNP epitaxial planar type(For power switching)
2SB944 PANASONIC-2SB944 Datasheet
55Kb / 3P
Silicon PNP epitaxial planar type(For power switching)
2SB945 PANASONIC-2SB945 Datasheet
55Kb / 3P
Silicon PNP epitaxial planar type(For power switching)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com