Electronic Components Datasheet Search
  English  ▼

X  

LAN7431 Datasheet(PDF) 68 Page - Microchip Technology

Part # LAN7431
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7431 Datasheet(HTML) 68 Page - Microchip Technology

Back Button LAN7431 Datasheet HTML 64Page - Microchip Technology LAN7431 Datasheet HTML 65Page - Microchip Technology LAN7431 Datasheet HTML 66Page - Microchip Technology LAN7431 Datasheet HTML 67Page - Microchip Technology LAN7431 Datasheet HTML 68Page - Microchip Technology LAN7431 Datasheet HTML 69Page - Microchip Technology LAN7431 Datasheet HTML 70Page - Microchip Technology LAN7431 Datasheet HTML 71Page - Microchip Technology LAN7431 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 68
 2018-2019 Microchip Technology Inc.
7.7
Clock Circuit
The device can accept either a 25MHz crystal (preferred) or a 25 MHz single-ended clock oscillator (+/- 50ppm) input.
If the single-ended clock oscillator method is implemented, XO should be left unconnected and XI should be driven with
a nominal 0-3.3V clock signal. The input clock duty cycle is 40% minimum, 50% typical and 60% maximum.
It is recommended that a crystal utilizing matching parallel load capacitors be used for the crystal input/output signals
(XI/XO). See Table 7-23 for the recommended crystal specifications.
Note 7-44
The maximum allowable values for Frequency Tolerance and Frequency Stability are application
dependent. Since any particular application must meet the IEEE +/-50 PPM Total PPM Budget, the
combination of these two values must be approximately +/-45 PPM (allowing for aging).
Note 7-45
Frequency Deviation Over Time is also referred to as Aging.
Note 7-46
The total deviation for the Transmitter Clock Frequency is specified by IEEE 802.3u as +/- 50 PPM.
Note 7-47
0oC for commercial version, -40oC for industrial and automotive versions.
Note 7-48
+70oC for commercial version, +85oC for industrial version, +105°C for automotive version.
Note 7-49
This number includes the pad, the bond wire and the lead frame. PCB capacitance is not included
in this value. The XO/XI pin and PCB capacitance values are required to accurately calculate the
value of the two external load capacitors. These two external load capacitors determine the accuracy
of the 25.000 MHz frequency.
TABLE 7-23:
CRYSTAL SPECIFICATIONS
Parameter
Symbol
Min
Nom
Max
Units
Notes
Crystal Cut
AT, typ
Crystal Oscillation Mode
Fundamental Mode
Crystal Calibration Mode
Parallel Resonant Mode
Frequency
Ffund
-
25.000
-
MHz
Frequency Tolerance @ 25oCFtol
-
-
+/-50
PPM
Note 7-44
Frequency Stability Over Temp
Ftemp
-
-
+/-50
PPM
Note 7-44
Frequency Deviation Over Time
Fage
-
+/-3 to 5
-
PPM
Note 7-45
Total Allowable PPM Budget
-
-
+/-50
PPM
Note 7-46
Shunt Capacitance
CO
--
6
pF
Load Capacitance
CL
-
-
25
pF
Motional Inductance
LM
10
mH
Drive Level
PW
-
-
100
uW
Equivalent Series Resistance
R1
--
50
Ohm
Operating Temperature Range
Note 7-47
-
Note 7-48
oC
XI Pin Capacitance
-
2 typ
-
pF
Note 7-49
XO Pin Capacitance
-
2 typ
-
pF
Note 7-49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com