Electronic Components Datasheet Search
  English  ▼

X  

FX5545G201 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FX5545G201
Description  Industry Smallest and Low Profile 3W 1000mA DC/DC Buck Converter with High Output Power Density
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FX5545G201 Datasheet(HTML) 2 Page - Vishay Siliconix

  FX5545G201 Datasheet HTML 1Page - Vishay Siliconix FX5545G201 Datasheet HTML 2Page - Vishay Siliconix FX5545G201 Datasheet HTML 3Page - Vishay Siliconix FX5545G201 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
For technical questions, contact FunctionPAK@vishay.com
For marketing questions, contact FunctionPAK.marketing@vishay.com
Document Number: 10104
Revision 14-Jun-04
www.vishay.com
32
FX5545G201
Vishay
DIMENSIONS in inches [millimeters]
A
C
W
L
0.58 ± 0.01
[14.7 ± 0.25]
W
0.48 ± 0.01
[12.2 ± 0.25]
A
0.1 ± 0.01
[2.54 ± 0.25]
B
0.09 ± 0.01
[2.29 ± 0.25]
C
0.09 ± 0.01
[2.27 ± 0.25]
T
0.12 max
[3 max]
Ball Diameter
0.03 ± 0.001
[0.762 ± 0.025]
Marked on Upper Side
D
F
A
AD
F
0.1 ± 0.01
0.03 ± 0.001
0.02 ± 0.001
[2.54 ± 0.25]
[0.8 ± 0.02]
[0.5 ± 0.02]
RECOMMENDED PAD PATTERN in inches [millimeters]
PIN
CONNECTION
1, 2
SD
3, 7
SYNC
4, 8
N/C
5, 9
Vin
6, 10
PWM/PSM
11, 12
N/C
13, 17
GND
14, 18
Vout
15, 19
N/C
16, 20
GND
PIN CONFIGURATION*
BOTTOM SIDE
20 19 18 17
16 15 14 13
12 11 10
9
8
7
6
5
4
3
2
1
See Tape and Reel Information - Type B
TAPE AND REEL
*Note: Pin Description application note is available on page 52.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com