Electronic Components Datasheet Search
  English  ▼

X  

DBB01CM24 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # DBB01CM24
Description  Timers True delay on release Types
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

DBB01CM24 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  DBB01CM24 Datasheet HTML 1Page - Carlo Gavazzi Holding AG DBB01CM24 Datasheet HTML 2Page - Carlo Gavazzi Holding AG DBB01CM24 Datasheet HTML 3Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Specifications are subject to change without notice (15.04.10)
DBB01, PBB01
General Specifications
Mode of Operation
When the power supply is
applied the relay operates.
When the power supply is
interrupted the time period
starts and, at the end of the
set time period, the relay
releases.
If power supply is reapplied
before the realy releases the
time is reset and the relay
remains ON.
Note:
DBB01, PBB01 should not
be
operated
by
pulses
shorter than 200 ms.
For
these
purposes
the
relays DMB01 or PMB01,
operated by external con-
tact
function,
should
be
used.
Wiring Diagrams
Range/Time Setting
Adjust the time range set-
ting the DIP-switches 1 and
2 as shown below.
To access the DIP-switches
open the plastic cover using
a
screwdriver
as
shown
below.
Centre knob:
Time
setting
on
relative
scale: 1 to 10 with respect
to the chosen range.
Operation Diagram
DBB01
Time range
OFF ON OFF OFF: 0.1 to 1 s
ON OFF ON ON:
1 to 10 s
ON ON ON OFF: 6 to 60 s
OFF OFF OFF ON:
60 to 600 s
Power ON delay
≤ 200 ms
Power OFF delay
≤ 100 ms
Indication for
Power supply ON
LED, green
Environment
(EN 60529)
Degree of protection
IP 20
Pollution degree
3 (DBB01), 2 (PBB01)
(IEC 60664)
Operating temperature
-20 to 60 °C, R.H. < 95%
Storage temperature
-30 to 80 °C, R.H. < 95%
Housing
Dimensions
DBB01
22.5 x 80 x 99.5 mm
PBB01
36 x 80 x 94 mm
Weight
Approx 120 g
Screw terminals
(DBB01)
Tightening torque
Max 0.5 Nm according to
IEC EN 60947
Approval
UL (except 724)
CSA (except 724)
CE Marking
Yes
EMC
Electromagnetic Compatibility
Immunity
According to EN 61000-6-2
Emission
According to EN 61000-6-3
Timer Specifications
According to EN 61812-1
ON
OFF
PBB01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com