Electronic Components Datasheet Search
  English  ▼

X  

CTV Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # CTV
Description  Split core current sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CTV Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  CTV Datasheet HTML 1Page - Carlo Gavazzi Holding AG CTV Datasheet HTML 2Page - Carlo Gavazzi Holding AG CTV Datasheet HTML 3Page - Carlo Gavazzi Holding AG CTV Datasheet HTML 4Page - Carlo Gavazzi Holding AG CTV Datasheet HTML 5Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Carlo Gavazzi Controls S.p.A.
CTV
CTV DS ENG
05/09/2019
Features
General
Material
PA66
Protection degree
IP20
Secondary output
cable, 24 AWG (0.3mm2)
Detachable screw terminals (CTV-8X)
Mounting
Cable
Busbar (CTV-8X)
Weight (g)
CTV1X: 60
CTV2X: 66
CTV3X: 118
CTV4X: 200
CTV6X: 300
CTV8X: 725
28
23
10
31
26
31
32
16
30
31
Fig. 1 CTV-1X
Fig. 2 CTV-2X
38
16
1500 ± 20
16
41
39
18
50
21
2000 ± 50
Fig. 3 CTV-3X
Fig. 4 CTV-4X



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com